| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LPC2364 bảng dữ liệu(PDF) 15 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2364 bảng dữ liệu(HTML) 15 Page - NXP Semiconductors |
|
15 / 47 page ![]() LPC2364_66_68_2 © NXP B.V. 2007. All rights reserved. Preliminary data sheet Rev. 02 — 1 October 2007 15 of 47 NXP Semiconductors LPC2364/66/68 Fast communication chip 7.5 Interrupt controller The ARM processor core has two interrupt inputs called Interrupt Request (IRQ) and Fast Interrupt Request (FIQ). The VIC takes 32 interrupt request inputs which can be programmed as FIQ or vectored IRQ types. The programmable assignment scheme means that priorities of interrupts from the various peripherals can be dynamically assigned and adjusted. Fig 3. LPC2364/66/68 memory map 0.0 GB 1.0 GB TOTAL OF 128 kB ON-CHIP NON-VOLATILE MEMORY (LPC2364) TOTAL OF 512 kB ON-CHIP NON-VOLATILE MEMORY (LPC2368) TOTAL OF 256 kB ON-CHIP NON-VOLATILE MEMORY (LPC2366) 0x0000 0000 0x0001 FFFF 0x0002 0000 0x0003 FFFF 0x0007 FFFF 0x0008 0000 0x0004 0000 RESERVED FOR ON-CHIP MEMORY 8 kB LOCAL ON-CHIP STATIC RAM (LPC2364) 32 kB LOCAL ON-CHIP STATIC RAM (LPC2366/LPC2368) RESERVED ADDRESS SPACE RESERVED ADDRESS SPACE 0x4000 0000 0x4000 2000 0x4000 8000 0x7FD0 0000 0x7FE0 0000 0x7FD0 1FFF 0x7FE0 3FFF 0x4000 1FFF 0x4000 7FFF 2.0 GB 0x8000 0000 BOOT ROM AND BOOT FLASH (BOOT FLASH REMAPPED FROM ON-CHIP FLASH) 3.0 GB 0xC000 0000 RESERVED ADDRESS SPACE 3.75 GB 4.0 GB 3.5 GB AHB PERIPHERALS APB PERIPHERALS 0xE000 0000 0xF000 0000 0xFFFF FFFF USB RAM (8 KB) ETHERNET RAM (16 kB) 002aac577 |