| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB96F348CSAPQC-GE2 bảng dữ liệu(PDF) 28 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB96F348CSAPQC-GE2 bảng dữ liệu(HTML) 28 Page - fujitsu semiconductor |
|
28 / 159 page ![]() MB96300 Series Preliminary Specification 28 FME/EMDC- 2007-02-12 MB96300_shortspec.fm 10 22 24 912 P05_0 I General purpose IO AN8 A/D converter analog input pin SIN2 USART2 serial data input INT3_R1 Relocated input of external interrupt INT3 ALARM0 Alarm Comparator 0 input 11 23 25 10 13 P05_1 I General purpose IO AN9 A/D converter analog input SOT2 USART 2 serial data output ALARM1 Alarm Comparator 1 input 12 24 26 11 14 P05_2 I General purpose IO AN10 A/D converter analog input SCK2 USART 2 clock I/O 13 25 27 12 15 P05_3 I General purpose IO AN11 A/D converter analog input TIN3 Reload Timer 3 event input WOT Real Timer clock output 14 26 28 13 16 P05_4 I General purpose IO AN12 A/D converter analog input TOT3 Output pin for the reload timer 3 INT2_R Relocated input of external interrupt INT2 15 27 29 14 17 P05_5 I General purpose IO AN13 A/D converter analog input INT0_R Relocated External interrupt INT0 input NMI_R Relocated Non-Maskable Interrupt NMI PIN DESCRIPTION FOR MB96(F)32x, MB96(F)34x, MB96(F)35x, MB96(F)36x Pin no. Pin name Circuit type Function MB9632 x MB9634x MB9635 x MB9636 x LQFP80*5 LQFP100*2 QFP100*1 LQFP64*3 LQFP48*4 |