| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB96F348CSAPQC-GE2 bảng dữ liệu(PDF) 48 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB96F348CSAPQC-GE2 bảng dữ liệu(HTML) 48 Page - fujitsu semiconductor |
|
48 / 159 page ![]() MB96300 Series Preliminary Specification 48 FME/EMDC- 2007-02-12 MB96300_shortspec.fm 34 P05_6 K General purpose I/O AN14 A/D converter input TIN2 Reload Timer 2 event input SGO1_R Relocated SGO output of Sound Generator 1 SEG63 LCD controller / driver segment output 35 P05_7 K General purpose I/O AN15 A/D converter input TOT2 Reload Timer 2 output SGA1_R Relocated SGA output of Sound Generator 1 SEG64 LCD controller / driver segment output 36 to 39 GP08_0 to GP08_3 M General purpose I/O PWM1P0 PWM1M0 PWM2P0 PWM2M0 Stepper Motor Controller 0 outputs 40, 43 to 45 GP08_4 to GP08_7 M General purpose I/O PWM1P1 PWM1M1 PWM2P1 PWM2M1 Stepper Motor Controller 1 outputs 46 to 49 GP09_0 to GP09_3 M General purpose I/O PWM1P2 PWM1M2 PWM2P2 PWM2M2 Stepper Motor Controller 2 outputs 50 to 52, 55 GP09_4 to GP09_7 M General purpose I/O PWM1P3 PWM1M3 PWM2P3 PWM2M3 Stepper Motor Controller 3 outputs PIN DESCRIPTION FOR MB96(F)38X Pin no. Pin name Circuit type Function MB96(F)38x LQFP120*1 |