| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB96F348CSAPQC-GE2 bảng dữ liệu(PDF) 17 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB96F348CSAPQC-GE2 bảng dữ liệu(HTML) 17 Page - fujitsu semiconductor |
|
17 / 159 page ![]() Preliminary Specification MB96300 FME/EMDC- 2007-02-12 MB96300_shortspec.fm 17 s PIN DESCRIPTION FOR MB96(F)32x, MB96(F)34x, MB96(F)35x, MB96(F)36x PIN DESCRIPTION FOR MB96(F)32x, MB96(F)34x, MB96(F)35x, MB96(F)36x Pin no. Pin name Circuit type Function MB9632 x MB9634x MB9635 x MB9636 x LQFP80*5 LQFP100*2 QFP100*1 LQFP64*3 LQFP48*4 58 90 92 46 28 X1 A Oscillation output 59 91 93 47 27 X0 Oscillation input 55 52 54 45 23 RSTX E Reset input 30 75 77 24 P00_0 H General purpose I/O AD00 External bus interface (non- multiplexed mode) data line External bus interface (multiplexed mode) address/ data line INT8 External interrupt request input pin for INT8 SCK7_R Relocated USART7 serial clock I/O (not available on MB96F348H/T) TTG8_R Relocated PPG8 trigger 31 76 78 25 P00_1 H General purpose I/O AD01 External bus interface (non- multiplexed mode) data line External bus interface (multiplexed mode) address/ data line INT9 External interrupt request input pin for INT9 SOT7_R Relocated USART 7 serial data output (not available on MB96F348H/T) TTG9_R Relocated PPG9 trigger |