| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STE2004SDIE2 bảng dữ liệu(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STE2004SDIE2 bảng dữ liệu(HTML) 49 Page - STMicroelectronics |
|
49 / 79 page ![]() STE2004S Instruction set 49/79 Table 18. Charge pump multiplication factor CP2 CP1 CP0 Description Reset state 0 0 0 Multiplication factor X2 0 0 1 Multiplication factor X3 0 1 0 Multiplication factor X4 0 1 1 Multiplication factor X5 000 1 0 0 Not used 1 0 1 Not used 1 1 0 Not used 1 1 1 Automatic Table 19. Bias ratio BS2 BS1 BS0 Description Reset state 0 0 0 Bias ratio equal to 7 0 0 1 Bias ratio equal to 6 0 1 0 Bias ratio equal to 5 0 1 1 Bias ratio equal to 4 000 1 0 0 Bias ratio equal to 3 1 0 1 Bias ratio equal to 2 1 1 0 Bias ratio equal to 1 1 1 1 Bias ratio equal to 0 Table 20. Y Carriage return register Y-C[3] Y-C[2] Y-C[1] Y-C[0] Description Reset state 0 0 0 0 Y-CARRIAGE =0 0 0 0 1 Y-CARRIAGE =1 0 0 1 0 Y-CARRIAGE =2 0 0 1 1 Y-CARRIAGE =3 1000 0 1 0 0 Y-CARRIAGE =4 ... . 0 1 1 0 Y-CARRIAGE =6 0 1 1 1 Y-CARRIAGE =7 1 0 0 0 Y-CARRIAGE =8 |