| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STE2004SDIE2 bảng dữ liệu(PDF) 54 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STE2004SDIE2 bảng dữ liệu(HTML) 54 Page - STMicroelectronics |
|
54 / 79 page ![]() ID-number STE2004S 54/79 6 ID-number The STE2004S lets you program a driver identification number (ID-Number), so more than one LCD module with different configuration parameters can be managed on one platform. There are four programmable device ID-numbers: 00111100, 00111101, 0011110 and 0011111. All have the first 6 bits (001111) in common. The two least significant bits can be used to connect the SA0 and SA1 inputs to a VSS or VDD1. The driver ID-number can be read through all communication interfaces. The way to read the ID-number changes according the interface selected. The readout protocol for each interface is described in Chapter 4. Figure 55. I2C interface interconnection in master/ slave mode Figure 56. I3-lines SPI and 3-lines serial interfaces interconnection in master slave mode SDAIN LR0214 STE2004S STE2004S SCL SDAOUT NOTE: MASTER and SLAVE I2C AADDRESS MUST BE DIFFERENT SDAIN SCL SDAOUT SCL SDA RES RES RES SDOUT LR0215 STE2004S STE2004S SCLK SDIN SDOUT SCLK SDIN SCLK SLAVE CS MASTER CS SD CS RES CS RES RES |