| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSP56303 bảng dữ liệu(PDF) 252 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56303 bảng dữ liệu(HTML) 252 Page - Freescale Semiconductor, Inc |
|
252 / 292 page ![]() DSP56303 User’s Manual, Rev. 2 B-8 Freescale Semiconductor Programming Reference VBA:$46 0–2 ESSI1 Transmit Data VBA:$48 0–2 ESSI1 Transmit Data With Exception Status VBA:$4A 0–2 ESSI1 Transmit Last Slot VBA:$4C 0–2 Reserved VBA:$4E 0–2 Reserved VBA:$50 0–2 SCI Receive Data VBA:$52 0–2 SCI Receive Data With Exception Status VBA:$54 0–2 SCI Transmit Data VBA:$56 0–2 SCI Idle Line VBA:$58 0–2 SCI Timer VBA:$5A 0–2 Reserved VBA:$5C 0–2 Reserved VBA:$5E 0–2 Reserved VBA:$60 0–2 Host Receive Data Full VBA:$62 0–2 Host Transmit Data Empty VBA:$64 0–2 Host Command (Default) VBA:$66 0–2 Reserved :: : VBA:$FE 0–2 Reserved Table B-4. Interrupt Source Priorities Within an IPL Priority Interrupt Source Level 3 (Nonmaskable) Highest Hardware RESET Stack Error Illegal Instruction Debug Request Interrupt Trap Lowest Non-Maskable Interrupt Levels 0, 1, 2 (Maskable) Highest IRQA (External Interrupt) IRQB (External Interrupt) IRQC (External Interrupt) Table B-3. Interrupt Sources (Continued) Interrupt Starting Address Interrupt Priority Level Range Interrupt Source |