| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSP56303 bảng dữ liệu(PDF) 251 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56303 bảng dữ liệu(HTML) 251 Page - Freescale Semiconductor, Inc |
|
251 / 292 page ![]() Interrupt Sources and Priorities DSP56303 User’s Manual, Rev. 2 Freescale Semiconductor B-7 VBA:$02 3 Stack Error VBA:$04 3 Illegal Instruction VBA:$06 3 Debug Request Interrupt VBA:$08 3 Trap VBA:$0A 3 Non-Maskable Interrupt (NMI) VBA:$0C 3 Reserved VBA:$0E 3 Reserved VBA:$10 0–2 IRQA VBA:$12 0–2 IRQB VBA:$14 0–2 IRQC VBA:$16 0–2 IRQD VBA:$18 0–2 DMA Channel 0 VBA:$1A 0–2 DMA Channel 1 VBA:$1C 0–2 DMA Channel 2 VBA:$1E 0–2 DMA Channel 3 VBA:$20 0–2 DMA Channel 4 VBA:$22 0–2 DMA Channel 5 VBA:$24 0–2 Timer 0 Compare VBA:$26 0–2 Timer 0 Overflow VBA:$28 0–2 Timer 1 Compare VBA:$2A 0–2 Timer 1 Overflow VBA:$2C 0–2 Timer 2 Compare VBA:$2E 0–2 Timer 2 Overflow VBA:$30 0–2 ESSI0 Receive Data VBA:$32 0–2 ESSI0 Receive Data With Exception Status VBA:$34 0–2 ESSI0 Receive Last Slot VBA:$36 0–2 ESSI0 Transmit Data VBA:$38 0–2 ESSI0 Transmit Data With Exception Status VBA:$3A 0–2 ESSI0 Transmit Last Slot VBA:$3C 0–2 Reserved VBA:$3E 0–2 Reserved VBA:$40 0–2 ESSI1 Receive Data VBA:$42 0–2 ESSI1 Receive Data With Exception Status VBA:$44 0–2 ESSI1 Receive Last Slot Table B-3. Interrupt Sources (Continued) Interrupt Starting Address Interrupt Priority Level Range Interrupt Source |