| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLC976CDGG bảng dữ liệu(PDF) 10 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLC976CDGG bảng dữ liệu(HTML) 10 Page - Texas Instruments |
|
10 / 17 page ![]() TLC976C 10-BIT, 20 MSPS, AREA CCD SIGNAL PROCESSOR SLAS193 – OCTOBER 1998 10 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION NOTE A: The 0.1 µF capacitors are necessary when you need to protect the noise. SHR SH-PULSE PIN AGC SH SH SH CLP1 CLP2 SH LPF AGCCLP BLK VRB VRT Auto Calibration Circuit DRV CLK Upper Sampling Comparators + – S&H DAC Upper Data Latch Upper Data Latch Lower Data Latch Lower Sampling Comparators Lower Data Latch Reference Voltage Clock Generator DATA-IN CLP2 OFFSET-IN D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 SHV AGCGAIN AGCCLP OBCLP BLK-PULSE VRB-OUT VRT-OUT CDS-STBY DRIVE-OUT RESET VIN VRB-IN VRT-IN AD-STBY OE (see Note A) (see Note A) CCD-IN 0.1 µF 1 µF 1 µF Figure 5. Typical Application |