công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HF88S05 bảng dữ liệu(PDF) 10 Page - King blillion Electronics Co.,Ltd.

tên linh kiện HF88S05
Giải thích chi tiết về linh kiện  command mode SRAM device
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KB [King blillion Electronics Co.,Ltd.]
Trang chủ  
Logo KB - King blillion Electronics Co.,Ltd.

HF88S05 bảng dữ liệu(HTML) 10 Page - King blillion Electronics Co.,Ltd.

Back Button HF88S05 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 10Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 11Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 12Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 13Page - King blillion Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
KING BILLION ELECTRONICS CO., LTD
駿
億
電
子
股
份
有
限
公
司
HF88S05
SRAM Series
December 18, 2003
10
V1.00
This specification is subject to change without notice. Please contact sales person for the latest version before use.
CS0_n
CS1
P_Sn
D_Cn
R_Wn
SDO
SCLK
TP
(TPP, TPH, TPL)
b7
020100
Series Data Read Mode
SDI
b1
b0
b7
b6
b6
b5
b4
b3
b2
b5
b7
b6
b4
b3
b2
b1
b0
020102
The bit 7 shall be shifted into register first
020101
User shall update the initial address (TP) before
reading the data from SRAM.
User shall dummy read 8 bits, and then the real
first msb b7 will be output.
Internal Strobe signal is used to latch SRAM data into shifter register, and generated at each 8th sclk.
Internal
Strobe
7.5. Serial Command Read Mode
Reading checksum in serial mode is similar to Read data mode except that the D_Cn is at low level
instead of high.
8. Power consideration
In order to conserve power consumed by the device, the static power consumption by SRAM sense
amplifier need to be minimized. Since the sense amplifier is on whenever the device is selected and
Strobe/SCLK is asserted low in Data Read Mode. Therefore the way to save power is to minimize the
duty of the overall Strobe/SCLK signal to an extent that it is just long enough to satisfy the access time so
that the static power consumption can be lower.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13