công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HF88S05 bảng dữ liệu(PDF) 5 Page - King blillion Electronics Co.,Ltd.

tên linh kiện HF88S05
Giải thích chi tiết về linh kiện  command mode SRAM device
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KB [King blillion Electronics Co.,Ltd.]
Trang chủ  
Logo KB - King blillion Electronics Co.,Ltd.

HF88S05 bảng dữ liệu(HTML) 5 Page - King blillion Electronics Co.,Ltd.

  HF88S05 Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
KING BILLION ELECTRONICS CO., LTD
駿
億
電
子
股
份
有
限
公
司
HF88S05
SRAM Series
December 18, 2003
5
V1.00
This specification is subject to change without notice. Please contact sales person for the latest version before use.
5. Function Block Diagram
Several registers are used in the interface logic. The functions of the registers are described below and
their initial values are as indicated in the following table.
TPP
TPL
TP[15..0]
TPH
XOR
Static
DIN[7..0]
S2P
MUX
+ 1
DOUT[7..0]
CHKSUM
RAM
MUX
ARRAY
64Kx8
MUX
The Table Pointer register keeps the address of SRAM being written to or read from.
It will
automatically increment by one with each read/write access, but remains unchanged when writing
command or reading checksum.
The Checksum Register keeps the Exclusive OR checksum of the data bytes as they are written to/read
from SRAM. The Checksum register cannot be written but it is cleared by any access to the TPL, TPH
Register
Type
Description
Initial Value
TPL
W
Address register 0 for A7 ~ A0
“--------“
TPH
W
Address register 1 for A15 ~ A8
“--------“
TPP
W
Address register 2 for A23 ~ A16
“--------“
Checksum
R
XOR checksum of data
“--------“



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13