công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RT9284APJ5 bảng dữ liệu(PDF) 10 Page - Richtek Technology Corporation

tên linh kiện RT9284APJ5
Giải thích chi tiết về linh kiện  Tiny Package, High Performance, Constant Current Switching Regulator for White LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RICHTEK [Richtek Technology Corporation]
Trang chủ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9284APJ5 bảng dữ liệu(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9284APJ5 Datasheet HTML 6Page - Richtek Technology Corporation RT9284APJ5 Datasheet HTML 7Page - Richtek Technology Corporation RT9284APJ5 Datasheet HTML 8Page - Richtek Technology Corporation RT9284APJ5 Datasheet HTML 9Page - Richtek Technology Corporation RT9284APJ5 Datasheet HTML 10Page - Richtek Technology Corporation RT9284APJ5 Datasheet HTML 11Page - Richtek Technology Corporation RT9284APJ5 Datasheet HTML 12Page - Richtek Technology Corporation RT9284APJ5 Datasheet HTML 13Page - Richtek Technology Corporation RT9284APJ5 Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
RT9284A/B
www.richtek.com
DS9284A/B-05 August 2007
Application Information
Power Sequence
The RT9284A/B must take notice of the power sequence.
The power sequence of RT9284A/B has to VDD early than
EN or else the RT9284A/B maybe fall into the unknown
state to result in RT9284A/B turn off.
Dimming Control
a. Using a PWM Signal to EN Pin
For controlling the LED brightness, the RT9284A/B can
perform the dimming control by applying a PWM signal
to EN pin. The internal soft start and the wide range
dimming frequency from100 to100kHz can eliminate inrush
current and audio noise when dimming. The average LED
current is proportional to the PWM signal duty cycle. The
magnitude of the PWM signal should be higher than the
maximum enable voltage of EN pin, in order to let the
dimming control perform correctly.
Version
Feedback Reference
Voltage VFB (V)
LED Current
Setting ILED (A)
RT9284A
1.235
ILED = 1.235/R1
RT9284B
0.25
ILED = 0.25/R1
Table 1
Figure 6. Dimming Control Using a DC Voltage for
RT9284A
LED Current Control
The RT9284A/B regulates the LED current by setting the
current sense resistor (R1) connecting to feedback and
ground. As shown in Table 1, the RT9284A feedback
voltage (VFB) is 1.235V and the RT9284B feedback voltage
(VFB) is 0.25V. The LED current (ILED) can be set by a
resistor R1. In order to have an accurate LED current, a
precision resistor is preferred (1% is recommended).
EN < 0.4V
EN > 1.5V
VDD > 2.7V
VDD
EN
VOUT
Figure 5
b. Using a DC Voltage
Using a variable DC voltage to adjust the brightness is a
popular method in some applications. The dimming control
using a DC voltage circuit is shown in Figure 6. According
to the Superposition Theorem, as the DC voltage
increases, the voltage contributed to VFB increases and
the voltage drop on R2 decreases, i.e. the LED current
decreases. For example, if the VDC range is from 0V to
2.8V, the selection of resistors in Figure 6 sets dimming
control of LED current from 20mA to 0mA.
VDD
GND
LX
FB
OVP
RT9284A
VIN
EN
6
4
2
3
5
1
ILED
2.7V to 5.5V
C1
C2
R1
D1
SS0520
L1
4.7uH to 22uH
R2
VDC Dimming
0V to 2.8V
R3
110
10k
13k
VEN > 1.5V
VEN < 0.4V
c. Using a Filtered PWM signal:
Another common application is using a filtered PWM
signal as an adjustable DC voltage for LED dimming control.
A filtered PWM signal acts as the DC voltage to regulate
the output current. The recommended application circuit
is shown in the Figure 7. In this circuit, the output ripple
depends on the frequency of PWM signal. For smaller
output voltage ripple (<100mV), the recommended
frequency of 2.8V PWM signal should be above 2kHz. To
fix the frequency of PWM signal and change the duty
cycle of PWM signal can get different output current.
Figure 8. shows the relationship between LED current and
PWM duty cycle.
The LED current can be calculated by the following
equation.
DC
FB
FB
LED
R2 (V
V
)
V
R3
I
=
R1
×−
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com