công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RT9284APJ5 bảng dữ liệu(PDF) 5 Page - Richtek Technology Corporation

tên linh kiện RT9284APJ5
Giải thích chi tiết về linh kiện  Tiny Package, High Performance, Constant Current Switching Regulator for White LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RICHTEK [Richtek Technology Corporation]
Trang chủ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9284APJ5 bảng dữ liệu(HTML) 5 Page - Richtek Technology Corporation

  RT9284APJ5 Datasheet HTML 1Page - Richtek Technology Corporation RT9284APJ5 Datasheet HTML 2Page - Richtek Technology Corporation RT9284APJ5 Datasheet HTML 3Page - Richtek Technology Corporation RT9284APJ5 Datasheet HTML 4Page - Richtek Technology Corporation RT9284APJ5 Datasheet HTML 5Page - Richtek Technology Corporation RT9284APJ5 Datasheet HTML 6Page - Richtek Technology Corporation RT9284APJ5 Datasheet HTML 7Page - Richtek Technology Corporation RT9284APJ5 Datasheet HTML 8Page - Richtek Technology Corporation RT9284APJ5 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
RT9284A/B
DS9284A/B-05 August 2007
www.richtek.com
Note 1. Stresses listed as the above
“Absolute Maximum Ratings” may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may remain possibility to affect device reliability.
Note 2. Devices are ESD sensitive. Handling precaution recommended.
Note 3. The device is not guaranteed to function outside its operating conditions.
Note 4.
θJA is measured in the natural convection at TA = 25°C on a low effective thermal conductivity test board of
JEDEC 51-3 thermal measurement standard.
Note 5. Floating the OVP pin to disable OVP function.
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
MOSFET
On Resistance of MOSFET
RDS(ON)
--
0.75
--
Ω
Protection
for 2,3,4 WLEDs application
14
15
16
V
OVP Threshold
VOVP
for 5 WLED application
19
20
21
V
OVP Sink Current
--
5
--
μA
OCP
--
750
--
mA
Shut Down Voltage
VEN
--
--
0.4
V
Enable Voltage
VEN
1.5
--
--
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com