| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EN25F20-100VIP bảng dữ liệu(PDF) 22 Page - Eon Silicon Solution Inc. |
|
|
|||||||||||||||||||||||||||||
EN25F20-100VIP bảng dữ liệu(HTML) 22 Page - Eon Silicon Solution Inc. |
|
22 / 31 page ![]() This Data Sheet may be revised by subsequent versions ©2004 Eon Silicon Solution, Inc., www.essi.com.tw or modifications due to changes in technical specifications. 22 EN25F20 Rev. B, Issue Date: 2007/05/15 Table 8. DC Characteristics (Ta = 0°C to 70°C or - 40°C to 85°C; VCC = 2.7-3.6V) Symbol Parameter Test Conditions Min. Max. Unit ILI Input Leakage Current ± 2 µA ILO Output Leakage Current ± 2 µA ICC1 Standby Current CS# = VCC, VIN = VSS or VCC 5 µA ICC2 Deep Power-down Current CS# = VCC, VIN = VSS or VCC 5 µA CLK = 0.1 VCC / 0.9 VCC at 100MHz, Q = open 25 mA ICC3 Operating Current (READ) CLK = 0.1 VCC / 0.9 VCC at 75MHz, Q = open 20 mA ICC4 Operating Current (PP) CS# = VCC 15 mA ICC5 Operating Current (WRSR) CS# = VCC 15 mA ICC6 Operating Current (SE) CS# = VCC 15 mA ICC7 Operating Current (BE) CS# = VCC 15 mA VIL Input Low Voltage – 0.5 0.2 VCC V VIH Input High Voltage 0.7VCC VCC+0.4 V VOL Output Low Voltage IOL = 1.6 mA 0.4 V VOH Output High Voltage IOH = –100 µA VCC-0.2 V Table 9. AC Measurement Conditions Symbol Parameter Min. Max. Unit CL Load Capacitance 20/30 pF Input Rise and Fall Times 5 ns Input Pulse Voltages 0.2 VCC to 0.8VCC V Input Timing Reference Voltages 0.3 VCC to 0.7VCC V Output Timing Reference Voltages VCC / 2 V Notes: 1. CL = 20 pF when CLK=100MHz, CL = 30 pF when CLK=75MHz, Figure 22. AC Measurement I/O Waveform |