| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EN25F20-100VIP bảng dữ liệu(PDF) 18 Page - Eon Silicon Solution Inc. |
|
|
|||||||||||||||||||||||||||||
EN25F20-100VIP bảng dữ liệu(HTML) 18 Page - Eon Silicon Solution Inc. |
|
18 / 31 page ![]() This Data Sheet may be revised by subsequent versions ©2004 Eon Silicon Solution, Inc., www.essi.com.tw or modifications due to changes in technical specifications. 18 EN25F20 Rev. B, Issue Date: 2007/05/15 Figure 16. Release Power-down Instruction Sequence Diagram Figure 17. Release Power-down / Device ID Instruction Sequence Diagram Read Manufacturer / Device ID (90h) The Read Manufacturer/Device ID instruction is an alternative to the Release from Power-down / Device ID instruction that provides both the JEDEC assigned manufacturer ID and the specific device ID. The Read Manufacturer/Device ID instruction is very similar to the Release from Power-down / Device ID instruction. The instruction is initiated by driving the CS# pin low and shifting the instruction code “90h” followed by a 24-bit address (A23-A0) of 000000h. After which, the Manufacturer ID for Eon (1Ch) and the Device ID are shifted out on the falling edge of CLK with most significant bit (MSB) first as shown in Figure 17. The Device ID values for the EN25F20 are listed in Table 5. If the 24-bit address is initially set to 000001h the Device ID will be read first |