| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLC6989 bảng dữ liệu(PDF) 27 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLC6989 bảng dữ liệu(HTML) 27 Page - Texas Instruments |
|
27 / 72 page ![]() FWD_WR (Forward Write command) Return to the SPI Command Table The FWD_WR command is used to transmit data words by the CCSI controller in the device. All the data words received by the SPI peripheral are stored on the TXFIFO. If one or more of the following conditions is met, the CCSI controller starts transmitting. • The number of words stored on the TXFIFO reach TXFFLVL • All the data words of the SPI command have been received This means that the CRC does not impact the start of this transmission. When the received CRC does not match the calculated CRC over the command word and data words, the FAULT pin is pulled low (when not masked) and the flag FLAG_SPI_CRC is set. This SPI command supports up to 4096 data words and returns the STATUS register and the CRC calculated over the STATUS register. An example of FWD_WR command forwarding 3 words with TXFFLVL set to 2 data words is depicted in Figure 7-11. SDI SDO SOUT 0x3002 Data0 Data1 Data2 CRC0 STATUS CRC1 Data0 Data1 Data2 END Figure 7-11. Example of FWD_WR command FWD_WR_END_CRC (Forward Write CRC with END bytes command) Return to the SPI Command Table The FWD_WR_END_CRC command is used to transmit data words by the CCSI controller in the device. All the data words received by the SPI peripheral are stored on the TXFIFO. Only when the received CRC matches with the calculated CRC over the command word and data words, the CCSI controller starts to transmit. This means that the TXFFLVL does not impact the start of this transmission. After all the data words have been transmitted by the CCSI controller, the specified number of extra END bytes are appended. The transmission of data words and the transmission of the extra END bytes are considered as 2 separate CCSI commands. This SPI command supports up to 31 data words and returns the STATUS register and the CRC calculated over the STATUS register. An example of FWD_WR_END_CRC command forwarding 0 data words (and therefore does not insert one END byte) and 3 extra END bytes is depicted in Figure 7-12. SDI SDO SOUT 0x4003 CRC0 STATUS CRC1 END END END Figure 7-12. Example of FWD_WR_END_CRC command www.ti.com TLC6989 SLVSHF5 – NOVEMBER 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 27 Product Folder Links: TLC6989 |