công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC8280 bảng dữ liệu(PDF) 854 Page - Freescale Semiconductor, Inc

tên linh kiện MPC8280
Giải thích chi tiết về linh kiện  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 bảng dữ liệu(HTML) 854 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 850Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 851Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 852Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 853Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 854Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 855Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 856Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 857Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 858Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 854 / 1386 page
background image
Universal Serial Bus Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
27-38
Freescale Semiconductor
10. Write 0x1818_0100 to DPRAM+0x524 to set up the RFCR, TFCR, and MRBLR fields of the
endpoint 2 parameter RAM.
11. Write 0x0008_0028 to DPRAM+0x528 to set up the RBPTR and TBPTR fields of the endpoint 2
parameter RAM.
12. Clear the TSTATE field of the endpoint 2 parameter RAM.
13. Write 0xB800_0040 to DPRAM+0x20 to set up the TrBD[Status and Control, Data Length] fields
of the host endpoint.
14. Write DPRAM+0x100 to DPRAM+0x24 to set up the TrBD[Buffer Pointer] field of the host
endpoint.
15. Write 0x8085 to DPRAM+0x28 to set up the TrBD token fields of the host endpoint.
16. Write 0xBC80_0003 to DPRAM+0x28 to set up the TxBD[Status and Control, Data Length] fields
of the function endpoint.
17. Write DPRAM+0x210 to DPRAM+0x2C to set up the TxBD[Buffer Pointer] field of the function
endpoint.
18. Write 0xABCD_1234 to DPRAM+0x210 to set up the function endpoint Tx data pattern.
19. Write 0x0030 to USEP1 for the host: non-isochronous transfer, multi-packet, transaction-level
interface.
20. Write 0x1100 to USEP2 for the function: interrupt transfer, one packet only.
21. Write 0x06 to USMOD for full-speed 12 Mbps signaling, local loopback configuration (test and
host modes set), and disable the USB.
22. Write 0x05 to the USAD for slave address 5.
23. Set USMOD[EN] to enable the USB controller.
24. Write 0x81 to the USCOM to start filling the Tx FIFO with endpoint 2 data to be ready for
transmission when an IN token is received.
25. Write 0x80 to the USCOM to start transmitting the IN token.
The expected results are as follows:
•
TrBD[Status and Control] of the host endpoint should contain 0x3800.
•
TrBD[Data Length] of the host endpoint should contain 0x0005.
•
TxBD[Status and Control] of endpoint 2 should contain 0x3C80.
•
TxBD[Data Length] of endpoint 2 should contain 0x0003.
•
The receive buffer of the host endpoint should contain 0xABCD_122B, 0x42xx_xxxx.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More