| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8280 bảng dữ liệu(PDF) 722 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 bảng dữ liệu(HTML) 722 Page - Freescale Semiconductor, Inc |
|
722 / 1386 page ![]() SCC UART Mode MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 21-16 Freescale Semiconductor Figure 21-7. SCC UART Receiving using RxBDs Byte 5 Buffer 0 0008 32-Bit Buffer Pointer 0 EID Rx BD 0 Status Length Pointer 0 0002 32-Bit Buffer Pointer 1 EID Rx BD 1 Status Length Pointer 0 0004 32-Bit Buffer Pointer 0 EID Rx BD 2 Status Length Pointer 1 XXXX 32-Bit Buffer Pointer E Rx BD 3 Status Length Pointer Byte 1 Byte 2 Byte 8 Buffer Byte 9 Byte 10 Buffer Byte 1 Byte 2 Byte 3 Buffer Byte 4 Error! Empty Additional Bytes will be Stored Unless Idle Count Expires (MAX_IDL) 8 Bytes 8 Bytes 8 Bytes 8 Bytes Characters Received by UART Fourth Character 10 Characters Long Idle Period has Framing Error! Present Time Time 5 Characters Buffer Full Idle Time-Out Occurred Byte 4 has Framing Error Reception Still in Progress with this Buffer 1 FR etc. Empty MRBLR = 8 Bytes for this SCC |