| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8280 bảng dữ liệu(PDF) 583 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 bảng dữ liệu(HTML) 583 Page - Freescale Semiconductor, Inc |
|
583 / 1386 page ![]() Serial Interface with Time-Slot Assigner MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 Freescale Semiconductor 15-5 Figure 15-2. Various Configurations of a Single TDM Channel TSA TDM TSA TSA TSA Slot Slot 3 3 Slot Slot N N TDM TDM TDM SCC2 SMC1 SCC2 SMC1 TDM Tx TDM Rx Slot 2 Slot N 1 TDM Sync 1 TDM Clock SMC1 SCC2 SMC1 TDM Tx TDM Rx Slot 1 Slot 3 SCC2 More complex TDM example—unique routing SCC2 SMC1 SCC2 SCC2 SMC1 SCC2 TDM Tx TDM Rx Even more complex TDM example—multiple time slot per SCC2 SMC1 SCC2 TDM Tx TDM Rx Most complex TDM example —Totally independent Rx and Tx NOTE: The two shaded areas off SCC2 Rx are received as one high-speed data stream by SCC2 Rx stored together in the same data buffers channel with varying sizes of time slots MPC8280 MPC8280 MPC8280 1 TDM Sync 1 TDM Clock 1 TDM Sync 1 TDM Clock 1 TDM Sync 1 TDM Clock 1 TDM Sync 1 TDM Clock |