| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8280 bảng dữ liệu(PDF) 580 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 bảng dữ liệu(HTML) 580 Page - Freescale Semiconductor, Inc |
|
580 / 1386 page ![]() Serial Interface with Time-Slot Assigner MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 15-2 Freescale Semiconductor Figure 15-1. SI Block Diagram If the TSA is not used as intended, it can be used to generate complex wave forms on dedicated output pins. For instance, it can program these pins to implement stepper motor control or variable-duty cycle and period control on-the-fly. Time-Slot Assigner (TSA) TDM A, B, C, D Pins Strobes Route SI RAM Tx/Rx RAM Control Mode Register TDM A, B, C, D Command Register Status Register SMC1 SMC2 SCC1 SCC2 SCC3 SCC4 MII1/ MII2/ MUX MII3 To: SMC1 SMC2 SCC1 SCC2 SCC3 SCC4 FCC1 FCC2 FCC3 Multi-Channel Peripheral Bus Nonmultiplexed Serial Interface (NMSI) Pins Channel # Controllers Shadow Register Clock Route RAM Address UTOPIA UTOPIA 161 81 CPM Mux MUX MUX MUX MUX MUX MUX MUX MUX (MCCs) Notes The CPM mux and the MCCs are not part of the SI. (See their chapters for details.) 1 Not available on the MPC8270. |