| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8280 bảng dữ liệu(PDF) 348 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 bảng dữ liệu(HTML) 348 Page - Freescale Semiconductor, Inc |
|
348 / 1386 page ![]() PCI Bridge MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 9-40 Freescale Semiconductor Table 9-13 describes PCI_EACR fields. 9.11.1.13 PCI Error Data Capture Register (PCI_EDCR) The PCI error data capture register (PCI_EDCR), shown in Figure 9-27, stores the data associated with the first PCI error captured. Figure 9-27. PCI Error Data Capture Register (PCI_EDCR) Table 9-14 describes PCI_EDCR fields. 9.11.1.14 PCI Error Control Capture Register (PCI_ECCR) The PCI error control capture register (PCI_ECCR), shown in Figure 9-28, stores information associated with the first PCI error captured. Table 9-13. PCI_EACR Field Descriptions Bits Name Description 31–0 PCI_EAR The address associated with the first error captured. 31 16 Field PCI_EDR Reset 0000_0000_0000_0000 R/W R/W Addr 0x1089A 15 0 Field PCI_EDR Reset 0000_0000_0000_0000 R/W R/W Addr 0x10898 Table 9-14. PCI_EDCR Field Description Bits Name Description 31–0 PCI_EDR The data associated with the first error captured. |