công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISD5216PI bảng dữ liệu(PDF) 42 Page - Winbond

tên linh kiện ISD5216PI
Giải thích chi tiết về linh kiện  8 to 16 minutes voice record/playback device with integrated codec
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WINBOND [Winbond]
Trang chủ  http://www.winbond.com
Logo WINBOND - Winbond

ISD5216PI bảng dữ liệu(HTML) 42 Page - Winbond

Back Button ISD5216PI Datasheet HTML 38Page - Winbond ISD5216PI Datasheet HTML 39Page - Winbond ISD5216PI Datasheet HTML 40Page - Winbond ISD5216PI Datasheet HTML 41Page - Winbond ISD5216PI Datasheet HTML 42Page - Winbond ISD5216PI Datasheet HTML 43Page - Winbond ISD5216PI Datasheet HTML 44Page - Winbond ISD5216PI Datasheet HTML 45Page - Winbond ISD5216PI Datasheet HTML 46Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 75 page
background image
ISD5216
- 42 -
7.10 PROGRAMMING THE ISD 5216
7.10.1. Sending a byte on the I2C interface
When reading or writing a byte of data on the I
2C bus, two different
mechanisms for flow control are used, the first is the standard ACK
that the slave or master sends after reading or writing a byte, but the
ISD5216 also uses flow control by holding the clock line (SCL) low
until the chip is ready to transmit data,
For example, the sequence of sending the slave address will be as
follows:
1. Send one byte 10000000 {Slave Address, R/W = 0} 80h.
2. Slave ACK.
3. Next time the clock is pulled high by the master, wait for SCL
to actually go high.
7.10.2. POWER-UP SEQUENCE
This sequence prepares the ISD5216 for an operation to follow, and
waits for the Tpud time before sending the next command sequence.
1. Send I
2C Start.
2. Send one byte 10000000 {Slave Address, R/W = 0} 80h.
3. Send one byte 10000000 {Command Byte = Power Up} 80h.
4. Send I
2C Stop.
7.10.3. Read Status command
The read status command is a read request from the Host processor to the ISD5216 without
delivering a Command Byte. The Host supplies all of the clocks (SCL). The ISD5216 drives the data
line (SDA). During the read commands, to read status, send the following sequence.
1. Host executes I
2C START
2. Send Slave Address with R/W bit = “1” (Read) 81h.
3. Read one byte of data and send ACK, the read data is the status byte
4. Read one byte of data and send ACK, the read data is the upper address byte
5. Read one byte of data and send NACK, the read data is the lower address byte
6.
Host sends I
2C STOP
Note: The processor could have sent an I
2C STOP after the Status Word data transfer, and thus aborted the transfer of the
Address bytes
S
SLAVE ADDRESS
A
P
W
Power up (80h)
A
Conventions used in I
2C Data
Transfer Diagrams
= START Condition
= STOP Condition
= 8 bit data transfer
= “1” in the R/W bit
= “0” in the R/W bit
= ACK (Acknowledge)
= No ACK
W
S
SLAVE ADDRESS
R
A
DATA
P
= Host to Slave (Gray)
= Slave to Host (White)
The Box color indicates the
direction of data flow
= 7 bit Slave
Address
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com