công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISD5216PI bảng dữ liệu(PDF) 37 Page - Winbond

tên linh kiện ISD5216PI
Giải thích chi tiết về linh kiện  8 to 16 minutes voice record/playback device with integrated codec
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WINBOND [Winbond]
Trang chủ  http://www.winbond.com
Logo WINBOND - Winbond

ISD5216PI bảng dữ liệu(HTML) 37 Page - Winbond

Back Button ISD5216PI Datasheet HTML 33Page - Winbond ISD5216PI Datasheet HTML 34Page - Winbond ISD5216PI Datasheet HTML 35Page - Winbond ISD5216PI Datasheet HTML 36Page - Winbond ISD5216PI Datasheet HTML 37Page - Winbond ISD5216PI Datasheet HTML 38Page - Winbond ISD5216PI Datasheet HTML 39Page - Winbond ISD5216PI Datasheet HTML 40Page - Winbond ISD5216PI Datasheet HTML 41Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 75 page
background image
ISD5216
Publication Release Date: Jan. 31, 2006
- 37 -
Revision B.4
7.8. PIN DETAILS
7.8.1. Power and Ground Pins
VCCA, VCCD (Voltage Inputs)
To minimize noise, the analog and digital circuits in the Winbond ISD5216 device use separate power
busses. These +3 V busses lead to separate pins. Tie the VCCD pins together as close as possible,
and decouple both supplies as near to the package as possible.
VSSA, VSSD (Ground Inputs)
The Winbond ISD5216 series utilizes separate analog and digital ground busses. The analog ground
(VSSA) pins should be tied together as close to the package as possible, and connected through a low-
impedance path to power supply ground. The digital ground (VSSD) pin should be connected through a
separate low impedance path to power supply ground. These ground paths should be large enough to
ensure that the impedance between the VSSA pins and the VSSD pin is less than 3Ω. The backside of
the die is connected to VSSD through the substrate resistance. In a chip-on-board design, the die
attach area must be connected to VSSD.
NC (No Connect)
These pins should not be connected to the board at any time. Connection of these pins to any signal,
ground or VCC, may result in incorrect device behavior or cause damage to the device.
7.8.2. Digital I/O Pins:
SCL (SERIAL CLOCK LINE)
The Serial Clock Line is a bi-directional clock line. It is an open-drain line requiring a pull-up resistor to
Vcc. It is driven by the "master" chips in a system and controls the timing of the data exchanged over
the Serial Data Line.
SDA (SERIAL DATA LINE)
The Serial Data Line carries the data between devices on the I
2C interface. Data must be valid on this
line when the SCL is HIGH. State changes can only take place when the SCL is LOW. This is a bi-
directional line requiring a pull-up resistor to Vcc.
A0, A1 (Address Pins)
These two pins are normally strapped for the desired address that the Winbond ISD5216 will have on
the I
2C serial interface. If there are four of these devices on the bus, then each must be strapped
differently in order to allow the master device to address them individually. The possible addresses
range from 80h to 87h, depending upon whether the device is being written to, or read from, by the
host.
The Winbond ISD5216 has a 7-bit slave address of which only A0 and A1 are pin programmable. The
eighth bit (LSB) is the R/W bit. Thus, the address will be 1000 0xy0 or 1000 0xy1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com