| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GL646USB bảng dữ liệu(PDF) 27 Page - GENESYS LOGIC |
|
|
|||||||||||||||||||||||||||||
GL646USB bảng dữ liệu(HTML) 27 Page - GENESYS LOGIC |
|
27 / 44 page ![]() GL646USB RSH[4:0]: set CCD RS rising edge position. RSL[4:0] : set CCD RS falling edge position. (1). Color or fine gray : 24 clocks/pixel 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 CCD RS : RSH=0CH RSL=10H (2).Fast gray or B&W : 9 clocks/pixel 0 1 2 3 4 5 6 7 8 0 1 2 3 4 5 6 7 8 0 1 2 3 4 5 CCD RS : RSH=07H RSL=01H 7.9. Reg : 0AH,0BH (Write) Default:15H,17H CPH[4:0] : set CCD CP rising edge position. CPL[4:0] : set CCD CP falling edge position. (1). Color or fine gray : 24 clocks/pixel 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 0 1 2 3 4 Rev. 1.4 -26- CCD CP : CPH=15H CPL=02H (2).Fast gray or B&W : 12 clocks/pixel 0 1 2 3 4 5 6 7 8 9 10 11 0 1 2 3 4 5 6 7 8 9 10 11 CCD CP : CPH=06H CPL=0AH 7.10. Reg : 0EH (Write) Command : scanner software reset. It can initiate AISC system, including lamp motor, Control registers, internal circuit and status, but doesn’t include tables in DRAM, like gamma table, shading table and acceleration/deceleration table. 7.11. Reg : 0FH (Write) |