| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XIO2000A bảng dữ liệu(PDF) 23 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
XIO2000A bảng dữ liệu(HTML) 23 Page - Texas Instruments |
|
23 / 155 page ![]() Introduction 13 April 2007 SCPS155B Table 2−3. XIO2000A Signal Names Sorted Alphabetically (Continued) SIGNAL NAME GZZ/ZZZ BALL # ZHH BALL # SIGNAL NAME GZZ/ZZZ BALL # ZHH BALL # VSS G09 VSS K11 VSS G10 VSS L07 VSS G11 VSS L08 VSS H07 VSS L09 VSS H08 VSS L10 VSS H09 VSS L11 VSS H10 VSSA B17 B14 VSS H11 VSSA E15 D12 VSS J07 VSSA F15 E12 VSS J08 VSSA F16 F11 VSS J09 VSSA G14 G11 VSS J10 VSSA G16 G12 VSS J11 VSSA H15 K11 VSS K07 VSSA J16 P13 VSS K08 VSSA L15 VSS K09 WAKE M16 K14 VSS K10 2.8 Terminal Descriptions Table 2−4 through Table 2−11 give a description of the terminals. These terminals are grouped in tables by functionality. Each table includes the terminal name, terminal number, I/O type, and terminal description. The following list describes the different input/output cell types that appear in the terminal description tables: • HS DIFF IN = High speed differential input. • HS DIFF OUT = High speed differential output. • PCI BUS = PCI bus 3-state bidirectional buffer with 3.3-V or 5.0-V clamp rail. • LV CMOS = 3.3-V low voltage CMOS input or output with 3.3-V clamp rail. • BIAS = Input/output terminals that generate a bias voltage to determine a driver’s operating current. • Feed through = these terminals connect directly to macros within the part and not through an input or output cell. • PWR = Power terminal • GND = Ground terminal |