công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT48R53 bảng dữ liệu(PDF) 31 Page - Holtek Semiconductor Inc

tên linh kiện HT48R53
Giải thích chi tiết về linh kiện  I/O Type 8-Bit MCU
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R53 bảng dữ liệu(HTML) 31 Page - Holtek Semiconductor Inc

Back Button HT48R53 Datasheet HTML 27Page - Holtek Semiconductor Inc HT48R53 Datasheet HTML 28Page - Holtek Semiconductor Inc HT48R53 Datasheet HTML 29Page - Holtek Semiconductor Inc HT48R53 Datasheet HTML 30Page - Holtek Semiconductor Inc HT48R53 Datasheet HTML 31Page - Holtek Semiconductor Inc HT48R53 Datasheet HTML 32Page - Holtek Semiconductor Inc HT48R53 Datasheet HTML 33Page - Holtek Semiconductor Inc HT48R53 Datasheet HTML 34Page - Holtek Semiconductor Inc HT48R53 Datasheet HTML 35Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
SUB A,[m]
Subtract data memory from the accumulator
Description
The specified data memory is subtracted from the contents of the accumulator, leaving the
result in the accumulator.
Operation
ACC
¬ ACC+[m]+1
Affected flag(s)
TO
PDF
OV
Z
AC
C
¾
¾
ÖÖÖÖ
SUBM A,[m]
Subtract data memory from the accumulator
Description
The specified data memory is subtracted from the contents of the accumulator, leaving the
result in the data memory.
Operation
[m]
¬ ACC+[m]+1
Affected flag(s)
TO
PDF
OV
Z
AC
C
¾
¾
ÖÖÖÖ
SUB A,x
Subtract immediate data from the accumulator
Description
The immediate data specified by the code is subtracted from the contents of the accumula-
tor, leaving the result in the accumulator.
Operation
ACC
¬ ACC+x+1
Affected flag(s)
TO
PDF
OV
Z
AC
C
¾
¾
ÖÖÖÖ
SWAP [m]
Swap nibbles within the data memory
Description
The low-order and high-order nibbles of the specified data memory (1 of the data memo-
ries) are interchanged.
Operation
[m].3~[m].0
« [m].7~[m].4
Affected flag(s)
TO
PDF
OV
Z
AC
C
¾¾¾¾¾¾
SWAPA [m]
Swap data memory and place result in the accumulator
Description
The low-order and high-order nibbles of the specified data memory are interchanged, writ-
ing the result to the accumulator. The contents of the data memory remain unchanged.
Operation
ACC.3~ACC.0
¬ [m].7~[m].4
ACC.7~ACC.4
¬ [m].3~[m].0
Affected flag(s)
TO
PDF
OV
Z
AC
C
¾¾¾¾¾¾
HT48R52/HT48R53
Rev. 1.20
31
December 6, 2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com