công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT48R53 bảng dữ liệu(PDF) 14 Page - Holtek Semiconductor Inc

tên linh kiện HT48R53
Giải thích chi tiết về linh kiện  I/O Type 8-Bit MCU
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R53 bảng dữ liệu(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT48R53 Datasheet HTML 10Page - Holtek Semiconductor Inc HT48R53 Datasheet HTML 11Page - Holtek Semiconductor Inc HT48R53 Datasheet HTML 12Page - Holtek Semiconductor Inc HT48R53 Datasheet HTML 13Page - Holtek Semiconductor Inc HT48R53 Datasheet HTML 14Page - Holtek Semiconductor Inc HT48R53 Datasheet HTML 15Page - Holtek Semiconductor Inc HT48R53 Datasheet HTML 16Page - Holtek Semiconductor Inc HT48R53 Datasheet HTML 17Page - Holtek Semiconductor Inc HT48R53 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
HT48R52/HT48R53
Rev. 1.20
14
December 6, 2005
The states of the registers is summarized in the table.
Register
Reset
(Power On)
WDT Time-out
(Normal Operation)
RES Reset
(Normal Operation)
RES Reset
(HALT)
WDT Time-out
(HALT)*
MP0
1xxx xxxx
1uuu uuuu
1uuu uuuu
1uuu uuuu
1uuu uuuu
MP1
1xxx xxxx
1uuu uuuu
1uuu uuuu
1uuu uuuu
1uuu uuuu
ACC
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
PCL
0000 0000
0000 0000
0000 0000
0000 0000
0000 0000
TBLP
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLH
(HT48R52)
--xx xxxx
--uu uuuu
--uu uuuu
--uu uuuu
--uu uuuu
TBLH
(HT48R53)
-xxx xxxx
-uuu uuuu
-uuu uuuu
-uuu uuuu
-uuu uuuu
STATUS
--00 xxxx
--1u uuuu
--uu uuuu
--01 uuuu
--11 uuuu
INTC
--00 -000
--00 -000
--00 -000
--00 -000
--uu -uuu
TMR
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMRC
00-0 1000
00-0 1000
00-0 1000
00-0 1000
uu-u uuuu
PA
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PAC
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PB
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PBC
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PC
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PD
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PE
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
MODE
---0 ---0
---u ---u
---u ---u
---u ---u
---u ---u
Note:
²*² stands for ²warm reset²
²u² stands for ²unchanged²
²x² stands for ²unknown²
Timer/Event Counter
Timer/event counter (TMR) is implemented in the
microcontroller. The timer/event counter contains an 8-bit
programmable count-up counter and the clock may come
from an external source or from the system clock/4 or fSP.
The fSP clock source is implemented by a WDT OSC, an
external 32768Hz (fRTC) or an instruction clock (system
clock divided by 4), determined by options, if one of
these three source is selected, it will be first divided by
16 (4-stage), and then divided by TMRC prescaler
(8-stage) to get an fSP output period. By using the TMRC
prescaler, longer time-out periods can be realized. Writ-
ing data to PSC2, PSC1, PSC0 can give different fSP
output periods.
Using internal clock sources, there are 2 reference
time-bases for the timer/event counter. The internal
clock source can be selected as coming from fSYS/4 or
fSP by options. Using an external clock input allows the
user to count external events, measure time intervals or
pulse widths, or generate an accurate time base. While
using the internal clock allows the user to generate an
accurate time base.
There are two registers related to the timer/event coun-
ter; TMR ([0DH]) and TMRC ([0EH]). Two physical reg-
isters are mapped to TMR location, writing TMR makes
the starting value be placed in the timer/event counter
preload register and reading TMR retrieves the contents
of the timer/event counter. The TMRC is a timer/event
counter control register which defines some options.
The TM0, TM1 bits define the operating mode. The
event count mode is used to count external events,
which means the clock source comes from an external
(TMR) pin. The timer mode functions as a normal timer
with the clock source coming from the fINT clock or RTC
clock. The pulse width measurement mode can be used
to count the high or low-level duration of the external sig-
nal. The counting is based on the fINT clock or RTC
clock.
In the event count or timer mode, once the timer/event
counter starts counting, it will count from the current
contents in the timer/event counter to FFH. Once over-
flow occurs, the counter is reloaded from the timer/event
counter preload register at the same time generates the
interrupt request flag (TF; bit 5 of the INTC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35