công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT48F06E bảng dữ liệu(PDF) 38 Page - Holtek Semiconductor Inc

tên linh kiện HT48F06E
Giải thích chi tiết về linh kiện  I/O Flash Type MCU with EEPROM
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48F06E bảng dữ liệu(HTML) 38 Page - Holtek Semiconductor Inc

Back Button HT48F06E Datasheet HTML 34Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 35Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 36Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 37Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 38Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 39Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 40Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 41Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 42Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 69 page
background image
HT48F06E/HT48F10E/HT48F30E
Rev. 1.00
38
September 10, 2007
Oscillator
Various oscillator options offer the user a wide range of
functions according to their various application require-
ments. Two types of system clocks can be selected
while various clock source options for the Watchdog
Timer, are provided for maximum flexibility. All oscillator
options are selected through the configuration options.
System Clock Configurations
There are two methods of generating the system clock,
using an external crystal/ceramic oscillator or an exter-
nal RC network. The chosen method is selected through
the configuration options.
System Crystal/Ceramic Oscillator
After selecting the correct oscillator configuration op-
tion, for most crystal oscillator configurations, the simple
connection of a crystal across OSC1 and OSC2 will cre-
ate the necessary phase shift and feedback for oscilla-
tion, without requiring external capacitors. However, for
some crystal types and frequencies, to ensure oscilla-
tion, it may be necessary to add two small value capaci-
tors, C1 and C2. Using a ceramic resonator will usually
require two small value capacitors, C1 and C2, to be
connected as shown for oscillation to occur. The values
of C1 and C2 should be selected in consultation with the
crystal or resonator manufacturer's specification. In
most applications, resistor R1 is not required, however
for those applications where the LVR function is not
used, R1 may be necessary to ensure the oscillator
stops running when VDD falls below its operating range.
More information regarding the oscillator is located in
Application Note HA0075E on the Holtek website.
System RC Oscillator
After selecting the correct configuration option, using
the external system RC oscillator requires that a resis-
tor, with a value between 24k
W and 1MW, is connected
between OSC1 and VDD, and a 470pF capacitor is con-
nected to ground. Although this is a cost effective oscil-
lator configuration, the oscillation frequency can vary
with VDD, temperature and process variations and is
therefore not suitable for applications where timing is
critical or where accurate oscillator frequencies are re-
quired. For the value of the external resistor ROSC refer
to the Appendix section for typical RC Oscillator vs.
Temperature and VDD characteristics graphics.
Note that it is the only microcontroller internal circuitry
together with the external resistor, that determine the
frequency of the oscillator. The external capacitor
shown on the diagram does not influence the frequency
of oscillation. The external capacitor is added to improve
oscillator stability, especially if the open-drain OSC2
output is utilised in the application circuit.
Watchdog Timer Oscillator
The WDT oscillator is a fully integrated free running RC
oscillator with a typical period of 65
ms at 5V, requiring no
external components. It is selected via configuration op-
tion. If selected, when the device enters the Power
Down Mode, the system clock will stop running, how-
ever the WDT oscillator will continue to run and keep the
watchdog function active. However, as the WDT will
consume a certain amount of power when in the Power
Down Mode, for low power applications, it may be desir-
able to disable the WDT oscillator by configuration op-
tion.
O S C 2
O S C 1
C 2
C 1
R 1
Crystal/Ceramic Oscillator
O S C 1
O S C 2
f S Y S / 4 N M O S O p e n D r a i n
4 7 0 p F
V D D
R O S C
RC Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com