công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PPC440GX-3CF800CZ bảng dữ liệu(PDF) 63 Page - Applied Micro Circuits Corporation

tên linh kiện PPC440GX-3CF800CZ
Giải thích chi tiết về linh kiện  Power PC 440GX Embedded Processor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMCC [Applied Micro Circuits Corporation]
Trang chủ  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GX-3CF800CZ bảng dữ liệu(HTML) 63 Page - Applied Micro Circuits Corporation

Back Button PPC440GX-3CF800CZ Datasheet HTML 59Page - Applied Micro Circuits Corporation PPC440GX-3CF800CZ Datasheet HTML 60Page - Applied Micro Circuits Corporation PPC440GX-3CF800CZ Datasheet HTML 61Page - Applied Micro Circuits Corporation PPC440GX-3CF800CZ Datasheet HTML 62Page - Applied Micro Circuits Corporation PPC440GX-3CF800CZ Datasheet HTML 63Page - Applied Micro Circuits Corporation PPC440GX-3CF800CZ Datasheet HTML 64Page - Applied Micro Circuits Corporation PPC440GX-3CF800CZ Datasheet HTML 65Page - Applied Micro Circuits Corporation PPC440GX-3CF800CZ Datasheet HTML 66Page - Applied Micro Circuits Corporation PPC440GX-3CF800CZ Datasheet HTML 67Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 93 page
background image
440GX – Power PC 440GX Embedded Processor
AMCC
63
Revision 1.15 – August 30, 2007
Data Sheet
Test Conditions
Clock timing and switching characteristics are specified in accordance with operating
conditions shown in the table “Recommended DC Operating Conditions.” AC
specifications are characterized with VDD = 1.5V, TC = +85 °C and a 10pF test load as
shown in the figure to the right.
DC Power Supply Loads
Parameter
Symbol
Frequency (MHz)
Typical
Maximum
Unit
Notes
VDD active operating current
IDD
533
1.37
1.69
A
2
667
1.49
1.8
A
2
800
1.77
2.2
A
2, 3
OVDD active operating current
IODD
533
58
111
mA
2
667
58
111
mA
2
800
58
111
mA
2, 3
SVDD active operating current
ISDD
533
544
749
mA
2
667
568
837
mA
2
800
680
940
mA
2, 3
AxVDD input current
IADD
33
mA
1, 2
Notes:
1. See “Absolute Maximum Ratings” on page 58 for filter recommendations.
2. The maximum current values listed above are not guaranteed to be the highest obtainable. These values are dependent on many factors
including the type of applications running, clock rates, use of internal functional capabilities, external interface usage, case temperature,
and the power supply voltages. Your specific application can produce significantly different results. VDD (logic) current and power are
primarily dependent on the applications running and the use of internal chip functions (DMA, PCI, Ethernet, and so on). OVDD (I/O)
current and power are primarily dependent on the capacitive loading, frequency, and utilization of the external buses. The following
information provides details about the conditions under which the listed values were obtained:
a. In general, the values are measured using a PPC440GX Evaluation Board set for Ethernet mode 4, PCI-X running at 100MHz with
an Intel Pro 1000, an Agilent Test card, an EBMI test card, a UART wrap plug, and one 128MB Micron DIMM while running
applications designed to maximize CPU power consumption. An external PCI master heavily loads the PCI bus with transfers
targeting SDRAM, while the internal DMA controller further increases SDRAM bus traffic.
System clock rates are set as follows: SysClk = 33MHz, CPU = 667MHz, PLB = 167MHz, and OPB = EBC = 83MHz.
b. Typical current is characterized at VDD = +1.5V, OVDD = +3.3V, SVDD = +2.5V, and TC = +47°C.
c. Maximum current is characterized at VDD = +1.6V, OVDD = +3.6V, SVDD = +2.7V, and TC = +85°C.
3. Estimated values.
Output
Pin
10pF
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com