công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST72324BK bảng dữ liệu(PDF) 185 Page - STMicroelectronics

tên linh kiện ST72324BK
Giải thích chi tiết về linh kiện  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK bảng dữ liệu(HTML) 185 Page - STMicroelectronics

Back Button ST72324BK Datasheet HTML 180Page - STMicroelectronics ST72324BK Datasheet HTML 181Page - STMicroelectronics ST72324BK Datasheet HTML 182Page - STMicroelectronics ST72324BK Datasheet HTML 183Page - STMicroelectronics ST72324BK Datasheet HTML 184Page - STMicroelectronics ST72324BK Datasheet HTML 185Page - STMicroelectronics ST72324BK Datasheet HTML 186Page - STMicroelectronics ST72324BK Datasheet HTML 187Page - STMicroelectronics ST72324BK Datasheet HTML 188Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 185 / 188 page
background image
ST72324B
Known limitations
185/188
As a consequence, for cycle-accurate operations, these configurations are prohibited in
either input or output mode.
Workaround
To avoid this from occurring, it is recommended to connect one of these pins to GND (PF4
or PF0) or VDD (PA3 or PF1).
Table 125.
Port A and F configuration
PLL
PA3
PF4
PF1
PF0
Clock disturbance
Off
010
Toggling
Maximum 2 clock cycles lost at each rising or falling
edge of PF0
On
0
1
0
1
Maximum 1 clock cycle lost out of every 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More