công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB95F136MBSPFV bảng dữ liệu(PDF) 4 Page - fujitsu semiconductor

tên linh kiện MB95F136MBSPFV
Giải thích chi tiết về linh kiện  8-bit Microcontrollers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FUJITSU [fujitsu semiconductor]
Trang chủ  
Logo FUJITSU - fujitsu semiconductor

MB95F136MBSPFV bảng dữ liệu(HTML) 4 Page - fujitsu semiconductor

  MB95F136MBSPFV Datasheet HTML 1Page - fujitsu semiconductor MB95F136MBSPFV Datasheet HTML 2Page - fujitsu semiconductor MB95F136MBSPFV Datasheet HTML 3Page - fujitsu semiconductor MB95F136MBSPFV Datasheet HTML 4Page - fujitsu semiconductor MB95F136MBSPFV Datasheet HTML 5Page - fujitsu semiconductor MB95F136MBSPFV Datasheet HTML 6Page - fujitsu semiconductor MB95F136MBSPFV Datasheet HTML 7Page - fujitsu semiconductor MB95F136MBSPFV Datasheet HTML 8Page - fujitsu semiconductor MB95F136MBSPFV Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
MB95130MB Series
4
■ PRODUCT LINEUP
(Continued)
Part number
Parameter
MB95136MB
MB95
F133MBS/
F134MBS/
F136MBS
MB95
F133NBS/
F134NBS/
F136NBS
MB95
F133MBW/
F134MBW/
F136MBW
MB95
F133NBW/
F134NBW/
F136NBW
MB95
F133JBS/
F134JBS/
F136JBS
MB95
F133JBW/
F134JBW/
F136JBW
Type
MASK ROM
product
Flash memory product
ROM capacity*1
32 Kbytes (Max)
RAM capacity*1
1 Kbyte (Max)
Reset output
Yes
No
Clock
system
Selectable
single/dual
clock*3
Single clock
Dual clock
Single clock
Dual clock
Low voltage
detection
reset
Yes/No
No
Yes
No
Yes
Clock
supervisor
Yes/No
No
Yes
CPU functions
Number of basic instructions
: 136
Instruction bit length
: 8 bits
Instruction length
: 1 to 3 bytes
Data bit length
: 1, 8, and 16 bits
Minimum instruction execution time
: 61.5 ns (at machine clock frequency 16.25 MHz)
Interrupt processing time
: 0.6
µs (at machine clock frequency 16.25 MHz)
General-
purpose
I/O port
• Single clock product : 20 ports
• Dual clock product : 18 ports
Programmable input voltage levels of port :
Automotive input level
/ CMOS input level / hysteresis input level
Timebase
timer
(1 channel)
Interrupt cycle : 0.5 ms, 2.1 ms, 8.2 ms, 32.8 ms (at main oscillation clock 4 MHz)
Watchdog
timer
Reset generated cycle
At main oscillation clock 10 MHz
: Min 105 ms
At sub oscillation clock 32.768 kHz (for dual clock product) : Min 250 ms
Wild register Capable of replacing 3 bytes of ROM data
UART/SIO
(1 channel)
Data transfer capable in UART/SIO
Full duplex double buffer, variable data length (5/6/7/8-bit), built-in baud rate generator
NRZ type transfer format, error detected function
LSB-first or MSB-first can be selected.
Clock asynchronous (UART) or clock synchronous (SIO) serial data transfer capable
LIN-UART
(1 channel)
Dedicated reload timer allowing a wide range of communication speeds to be set.
Full duplex double buffer.
Clock asynchronous (UART) or clock synchronous (SIO) serial data transfer capable
LIN functions available as the LIN master or LIN slave.
8/10-bit
A/D
converter
(8 channels)
8-bit or 10-bit resolution can be selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com