công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB95F136MBSPFV bảng dữ liệu(PDF) 38 Page - fujitsu semiconductor

tên linh kiện MB95F136MBSPFV
Giải thích chi tiết về linh kiện  8-bit Microcontrollers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FUJITSU [fujitsu semiconductor]
Trang chủ  
Logo FUJITSU - fujitsu semiconductor

MB95F136MBSPFV bảng dữ liệu(HTML) 38 Page - fujitsu semiconductor

Back Button MB95F136MBSPFV Datasheet HTML 34Page - fujitsu semiconductor MB95F136MBSPFV Datasheet HTML 35Page - fujitsu semiconductor MB95F136MBSPFV Datasheet HTML 36Page - fujitsu semiconductor MB95F136MBSPFV Datasheet HTML 37Page - fujitsu semiconductor MB95F136MBSPFV Datasheet HTML 38Page - fujitsu semiconductor MB95F136MBSPFV Datasheet HTML 39Page - fujitsu semiconductor MB95F136MBSPFV Datasheet HTML 40Page - fujitsu semiconductor MB95F136MBSPFV Datasheet HTML 41Page - fujitsu semiconductor MB95F136MBSPFV Datasheet HTML 42Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 64 page
background image
MB95130MB Series
38
(2) Source Clock/Machine Clock
(VCC
= 5.0 V ± 10%, AVSS = VSS = 0.0 V, TA = − 40 °C to + 85 °C)
*1 : Clock before setting division due to machine clock division ratio selection bit (SYCC : DIV1 and DIV0) . This
source clock is divided by the machine clock division ratio selection bit (SYCC : DIV1 and DIV0) , and it
becomes the machine clock. Further, the source clock can be selected as follows.
• Main clock divided by 2
• PLL multiplication of main clock (select from 1, 2, 2.5, 4 multiplication)
• Sub clock divided by 2
• PLL multiplication of sub clock (select from 2, 3, 4 multiplication)
*2 : Operation clock of the microcontroller. Machine clock can be selected as follows.
• Source clock (no division)
• Source clock divided by 4
• Source clock divided by 8
• Source clock divided by 16
Parameter
Symbol
Pin
name
Value
Unit
Remarks
Min
Typ
Max
Source clock
cycle time*1
(Clock before
setting division)
tSCLK
⎯
61.5
⎯
2000
ns
When using main clock
Min : FCH
= 8.125 MHz, PLL multiplied by 2
Max : FCH
= 1 MHz, divided by 2
7.6
⎯
61.0
µs
When using sub clock
Min : FCL
= 32 kHz, PLL multiplied by 4
Max : FCL
= 32 kHz, divided by 2
Source clock
frequency
FSP
⎯
0.50
⎯
16.25
MHz When using main clock
FSPL
⎯
16.384
⎯
131.072
kHz When using sub clock
Machine clock
cycle time*2
(Minimum
instruction
execution time)
tMCLK
⎯
61.5
⎯
32000
ns
When using main clock
Min : FSP
= 16.25 MHz, no division
Max : FSP
= 0.5 MHz, divided by 16
7.6
⎯
976.5
µs
When using sub clock
Min : FSPL
= 131 kHz, no division
Max : FSPL
= 16 kHz, divided by 16
Machine clock
frequency
FMP
⎯
0.031
⎯
16.250
MHz When using main clock
FMPL
1.024
⎯
131.072
kHz When using sub clock
FCH
(main oscillation)
FCL
(sub oscillation)
Divided by 2
Main PLL
× 1
× 2
× 2.5
× 4
Divided by 2
Sub PLL
× 2
× 3
× 4
SCLK
(source clock)
Clock mode select bit
(SYCC: SCS1, SCS0)
MCLK
(machine clock)
Division
circuit
× 1
× 1/4
× 1/8
× 1/16
• Outline of clock generation block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com