công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB90F883AS bảng dữ liệu(PDF) 3 Page - fujitsu semiconductor

tên linh kiện MB90F883AS
Giải thích chi tiết về linh kiện  16-Bit Proprietary Microcontroller
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FUJITSU [fujitsu semiconductor]
Trang chủ  
Logo FUJITSU - fujitsu semiconductor

MB90F883AS bảng dữ liệu(HTML) 3 Page - fujitsu semiconductor

  MB90F883AS Datasheet HTML 1Page - fujitsu semiconductor MB90F883AS Datasheet HTML 2Page - fujitsu semiconductor MB90F883AS Datasheet HTML 3Page - fujitsu semiconductor MB90F883AS Datasheet HTML 4Page - fujitsu semiconductor MB90F883AS Datasheet HTML 5Page - fujitsu semiconductor MB90F883AS Datasheet HTML 6Page - fujitsu semiconductor MB90F883AS Datasheet HTML 7Page - fujitsu semiconductor MB90F883AS Datasheet HTML 8Page - fujitsu semiconductor MB90F883AS Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 75 page
background image
MB90880 Series
3
■ PRODUCT LINEUP
(Continued)
Item
Name
MB90882(S) MB90883 (S) MB90884(S) MB90F882(S)
MB90F883 (S) /
MB90F883A (S)
MB90F884 (S) /
MB90F884A (S)
Class
MASK ROM product
Flash memory product
ROM size
256 Kbytes
384 Kbytes
512 Kbytes
256 Kbytes
384 Kbytes
512 Kbytes
RAM size
16 Kbytes
24 Kbytes
30 Kbytes
16 Kbytes
24 Kbytes
30 Kbytes
CPU functions
Number of instructions
Instruction bit length
Instruction length
Data bit length
Minimum execution time
: 351
: 8 bits, 16 bits
: 1 to 7 bytes
: 1 bit, 8 bits, 16 bits
: 30.3 ns (machine clock : 33 MHz)
The maximum operating frequency of MB90F883(S) and MB90F884(S) is 25 MHz.
Ports
General-purpose I/O ports : up to 81 for dual clock model, up to 83 for single clock model
General-purpose I/O ports (CMOS output)
Multi-function
serial interface
7 channels (software switchable between SIO, UART & I2C)
16-bit PPG timer
8 channels
8/16-bit up-down
counter/timer
Event input pins : 6, 8-bit up-down counters : 2
8-bit reload/compare registers : 2
16-bit
I/O
timer
16-bit
free run
timer
Number of channels : 1
Overflow interrupt
Output
compare
(OCU)
Number of channels : 6
Pin input source : Match signal of compare register
Input
capture
(ICU)
Number of channels : 2
Rewriting register by pin input (rising, falling or both edges)
DTP/external
interrupt circuit
External interrupt pins : 24 channels (edge/level support)
Base timer
4 channels
(software switchable between 16-bit reload timer, PWC timer, PPG timer, and PWM timer)
In MB90F883(S) and MB90F884(S), P24/TIO0, P25/TIO1, P26/TIO2, and P27/TIO3
cannot be used as input function.
Time base timer
18-bit counter
Interrupt interval : 1.0 ms, 4.1 ms, 16.4 ms, 131.1 ms (source oscillation : 4 MHz)
A/D converter
Conversion accuracy : 8 or 10 bits can be switched
Single conversion mode (Selected channel converted only once)
Scan conversion mode (Multiple successive channels converted)
Successive conversion mode (Selected channel converted repeatedly)
Stop conversion mode (Selected channel converted and stopped repeatedly)
Watchdog timer
Reset generation interval : 3.58 ms, 14.33 ms, 57.23ms, 458.75 ms
(source oscillation : 4 MHz, minimum value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com