công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB90583CAPF bảng dữ liệu(PDF) 24 Page - fujitsu semiconductor

tên linh kiện MB90583CAPF
Giải thích chi tiết về linh kiện  16-bit Proprietary Microcontroller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FUJITSU [fujitsu semiconductor]
Trang chủ  
Logo FUJITSU - fujitsu semiconductor

MB90583CAPF bảng dữ liệu(HTML) 24 Page - fujitsu semiconductor

Back Button MB90583CAPF Datasheet HTML 20Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 21Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 22Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 23Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 24Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 25Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 26Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 27Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 28Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 110 page
background image
MB90580C Series
24
s MEMORY MAP
Note: The ROM data of bank FF is reflected in the upper address of bank 00, realizing effective use of the C
compiler small model. The lower 16-bit is assigned to the same address, enabling reference of the table on
the ROM without stating “far”. For example, if an attempt has been made to access 00C000H, the contents
of the ROM at FFC000H are accessed actually. Since the ROM area of the FF bank exceeds 48 Kbytes, the
whole area cannot be reflected in the image for the 00 bank. The ROM data at FF4000H to FFFFFFH looks,
therefore, as if it were the image for 00400H to 00FFFFH. Thus, it is recommended that the ROM data table
be stored in the area of FF4000H to FFFFFFH.
RAM
RAM
RAM
FFFFFFH
FC0000H
010000H
004000H
002000H
000100H
0000C0H
000000H
ROM area
ROM area
ROM area
(image of bank
FF)
ROM area
(image of bank
FF)
Register
Peripheral
Peripheral
Peripheral
Single chip mode
A mirror function
is supported
Internal ROM
external bus mode
A mirror function
is
supported
External ROM
external bus
mode
: Internal
: External
: Inhibited area
Parts No.
Address#1
Address#2
Address#3
MB90583C/CA
FE0000H
004000H
001900H
MB90F583C/CA
FE0000H
004000H
001900H
MB90587C/CA
FF0000H
004000H
001100H
MB90V580B
(FE0000H)
004000H
001900H
Address#1
Address#2
Address#3
Register
Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More