| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB90583CAPF bảng dữ liệu(PDF) 72 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90583CAPF bảng dữ liệu(HTML) 72 Page - fujitsu semiconductor |
|
72 / 110 page ![]() MB90580C Series 72 18. Address Match Detection Function When an address matches the value set in the address detection register, the instruction code to be loaded into the CPU is forced to be replaced with the INT9 instruction code (01H). When executing a set instruction, the CPU executes the INT9 instruction. The address match detection function is implemented by processing using the INT9 interrupt routine. The device contains two address detection registers, each provided with a compare enable bit. When the value set in the address detection register matches an address and the interrupt enable bit is “1”, the instruction code to be loaded into the CPU is forced to be replaced with the INT9 instruction code. (1) Register configuration • Program address detection register 0 to 2 (PADR0) bit PADR0 (lower) Address : 001FF0H Access Initial value bit PADR0 (middle) Address : 001FF1H Access Initial value bit PADR0 (upper) Address : 001FF2H Access Initial value • Program address detection register 3 to 5 (PADR1) bit PADR1 (lower) Address : 001FF3H Access Initial value bit PADR1 (middle) Address : 001FF4H Access Initial value bit PADR1 (upper) Address : 001FF5H Access Initial value • Program address detection control/status register (PACSR) bit 76543210 Address : 00009EH Re- served Re- served Re- served Re- served AD1E Re- served AD0E Re- served Access ( −) ( −) ( −) ( −) (R/W) ( −) (R/W) ( −) Initial value (0) (0) (0) (0) (0) (0) (0) (0) 76 54 3 2 10 (R/W) (X) (R/W) (X) (R/W) (X) (R/W) (X) (R/W) (X) (R/W) (X) (R/W) (X) (R/W) (X) 17 16 15 14 13 12 11 10 (R/W) (X) (R/W) (X) (R/W) (X) (R/W) (X) (R/W) (X) (R/W) (X) (R/W) (X) (R/W) (X) 76 54 3 2 10 (R/W) (X) (R/W) (X) (R/W) (X) (R/W) (X) (R/W) (X) (R/W) (X) (R/W) (X) (R/W) (X) 17 16 15 14 13 12 11 10 (R/W) (X) (R/W) (X) (R/W) (X) (R/W) (X) (R/W) (X) (R/W) (X) (R/W) (X) (R/W) (X) 76 54 3 2 10 (R/W) (X) (R/W) (X) (R/W) (X) (R/W) (X) (R/W) (X) (R/W) (X) (R/W) (X) (R/W) (X) 17 16 15 14 13 12 11 10 (R/W) (X) (R/W) (X) (R/W) (X) (R/W) (X) (R/W) (X) (R/W) (X) (R/W) (X) (R/W) (X) |