công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB90MF408APF bảng dữ liệu(PDF) 2 Page - fujitsu semiconductor

tên linh kiện MB90MF408APF
Giải thích chi tiết về linh kiện  16-Bit Original Microcontroller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FUJITSU [fujitsu semiconductor]
Trang chủ  
Logo FUJITSU - fujitsu semiconductor

MB90MF408APF bảng dữ liệu(HTML) 2 Page - fujitsu semiconductor

  MB90MF408APF Datasheet HTML 1Page - fujitsu semiconductor MB90MF408APF Datasheet HTML 2Page - fujitsu semiconductor MB90MF408APF Datasheet HTML 3Page - fujitsu semiconductor MB90MF408APF Datasheet HTML 4Page - fujitsu semiconductor MB90MF408APF Datasheet HTML 5Page - fujitsu semiconductor MB90MF408APF Datasheet HTML 6Page - fujitsu semiconductor MB90MF408APF Datasheet HTML 7Page - fujitsu semiconductor MB90MF408APF Datasheet HTML 8Page - fujitsu semiconductor MB90MF408APF Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
MB90M405 Series
2
• Command structure optimized for controller applications
• Able to handle following data types : bit, byte, word, and long word
• 23 types of addressing mode
• High code efficiency (compiler)
• Enhanced calculation precision using a 32-bit accumulator
• Enhanced signed multiplication and division instructions and RETI instructions
• Command structure supports C language/multitasking
• Employs system stack pointers
• Instruction set had symmetry and barrel shift instruction functions
• Program patch functions (2-address pointers)
• Improved execution speed
• 4-byte built-in instruction queue allows instructions to be read ahead of time, speeding up execution.
• Interrupt function
• 8 programmable priority level settings
• Incorporates powerful 32-factor interrupt function
• Data transfer function
• Extended intelligent I/O service function : allows up to 16 channels to be set
• Low-power consumption modes
• Sleep mode (CPU operation clock stops)
• Timebase timer mode (oscillation clock and timebase timer operate)
• Stop mode (oscillation clock stops)
• CPU intermittent operation mode (CPU operates intermittently at the specified intervals)
• Package
• QFP-100 (FPT-100P-M06 : 0.65 mm pin pitch)
• Process
• CMOS technology
• I/O ports : Maximum 26 (26 ports, also used for internal resources)
• Timebase timer : 1 channel
• Watchdog timer : 1 channel
• 16-bit reload timer : 3 channels
• 16-bit freerun timers : 1 channel
• Output compare : 1 channel
• If the count value of the 16-bit freerun timer and compare register setting match, an interrupt request can
be output
• Input capture : 2 channels
• By detecting a valid edge in a signal input from the external input pin, it is possible to read the 16-bit freerun
timer count into the input capture data register, and output an interrupt request.
• Serial I/O : 2 channels
• UART : 2 channels
• Includes full-duplex double buffer (8 bits length)
• Can be set to clock-asynchronous transfer or clock-synchronized serial transfer (I/O extended serial)
• DTP/external interrupt (4 channels)
• Extended intelligent I/O service can be started via external input
• It is possible to generate an internal hardware interrupt via external input
• Delayed interrupt generation module
• It is possible to output task switching interrupt requests
• 8/10 bit A/D converter (16 channels)
• Choice of 8 and 10-bit resolution selectable
(Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com