công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB90MF408APF bảng dữ liệu(PDF) 49 Page - fujitsu semiconductor

tên linh kiện MB90MF408APF
Giải thích chi tiết về linh kiện  16-Bit Original Microcontroller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FUJITSU [fujitsu semiconductor]
Trang chủ  
Logo FUJITSU - fujitsu semiconductor

MB90MF408APF bảng dữ liệu(HTML) 49 Page - fujitsu semiconductor

Back Button MB90MF408APF Datasheet HTML 45Page - fujitsu semiconductor MB90MF408APF Datasheet HTML 46Page - fujitsu semiconductor MB90MF408APF Datasheet HTML 47Page - fujitsu semiconductor MB90MF408APF Datasheet HTML 48Page - fujitsu semiconductor MB90MF408APF Datasheet HTML 49Page - fujitsu semiconductor MB90MF408APF Datasheet HTML 50Page - fujitsu semiconductor MB90MF408APF Datasheet HTML 51Page - fujitsu semiconductor MB90MF408APF Datasheet HTML 52Page - fujitsu semiconductor MB90MF408APF Datasheet HTML 53Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
MB90M405 Series
49
16. 1 Mbit Flash Memory
The 1 Mbit flash memory is arrayed on the CPU memory map in banks FEH to FFH. It allows read and program
access from the CPU in the same manner as mask ROM. Data is written to and deleted from flash memory by
means of instructions from the CPU, via the flash memory interface circuit. This allows the implementation state
to be overwritten via onboard CPU control, allowing programs and data to be modified efficiently.
• 1 Mbit Flash Memory Length
• 128 Kword
× 8/64 Kword × 16 bit (16 K + 8 K + 8 K + 32 K + 64 K) sector configuration.
• Automated program algorithm (same as Embedded Algorithm* : MBM29F400TA)
• Built-in deletion pause/resume function
• Write/deletion completion detection by CPU interrupt
• JEDEC standard command compatible
• Sector-by-sector deletion possible (sectors can be combined freely)
• Write/deletion guaranteed through 10,000 iterations
* : Embedded Algorithm is a trademark of Advanced Micro Device.
• Method for Writing to and Deleting Flash Memory
There are two methods for writing to/deleting from flash memory :
1. Dedicated serial writer
(YDC AF220)
YDC: Yokogawa Digital Computer
2. Writing/deletion via program execution
It is not possible to simultaneously write to and read from flash memory. When writing to/deleting from flash
memory, programs in flash memory are temporarily copied to RAM, and run from there; this allows data to be
written to flash memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com