| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
7200 bảng dữ liệu(PDF) 22 Page - Arista Networks, Inc |
|
|
|||||||||||||||||||||||||||||
7200 bảng dữ liệu(HTML) 22 Page - Arista Networks, Inc |
|
22 / 44 page ![]() Installation de cet équipement doit être conformes aux codes électriques locaux et nationaux. Si nécessaire, consulter les organismes de réglementation appropriés et des autorités de contrôle pour assurer la conformité. Important: Read all installation instructions before connecting the system to the power source. Lire toutes les instructions d’installation avant de brancher le système à la source d’alimentation. Important: This equipment must be grounded. Never defeat the ground conductor. Cet équipement doit être mis à la terre. Ne jamais modifier le conducteur de terre. Important: This unit requires overcurrent protection. Cet appareil requiert une protection contre les surintensités. 5.2.1 AC Power Supplies The following AC power supplies are supported: • PWR-00619-01 (AWE-7230R-4TX-4S) • PWR-00618-01 (AWE-7250R-16S) The following image displays an AC power supply, including the power socket on the left side of the module. The AC power supply connects to a circuit that provides the required power, as specified in the Specifications section. Figure 5-4: AC Power Supply (Example) The power supplies require cables that comply with IEC-320 and have a C14 connector. The accessory kit provides two IEC-320 C13 to C14 power cables. 5.3 Connecting Serial and Management Cables The accessory kit includes the following cables: • RJ45 to DB9 serial adapter cable 18 |