| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
7200 bảng dữ liệu(PDF) 13 Page - Arista Networks, Inc |
|
|
|||||||||||||||||||||||||||||
7200 bảng dữ liệu(HTML) 13 Page - Arista Networks, Inc |
|
13 / 44 page ![]() Rack Mounting the Router Figure 3-4: Aligning the Rack Plugs to the Bracket Clip 1 Bracket clip before it is locked in the specified place. 2 Bracket clip after it is locked in the specified place. 1. Align the mounting brackets with the attachment pins to obtain the desired mounting position. 2. Place the bracket flush to the chassis with the attachment pins protruding through the key openings. 3. Slide the bracket toward the front flange until the bracket clip locks with an audible click. To remove the mounting bracket from the chassis, lift the front edge of the mounting bracket clip with a flat-head screwdriver and slide the bracket away from the front flange (opposite from the installation direction). 3.1.2 Assembling the Rails onto the Equipment Rack Rail rods and rail slides assemble into two identical rails. Each rail connects a front post to a rear post. When installing the rails, the router slides on the rails into the rack. Each bracket includes a screw that attaches the router to the rail. Each end of an assembled rail contains two rack plugs. Insert the plugs into rack slots to install the rails into a rack. When installing rails into rack posts with threaded or rounded holes, remove all plugs on both sides of the assembled rails and install them with bolts that fit the rack. Figure 3-5: Attaching the Four-Post Mounting Brackets to the Router Chassis 1 Attach rail slide to router 4 Bracket clip (attached) 2 Slide rail rod onto rail slide 5 Bracket clip (aligned) 3 Attach bracket clip 1. Slide a rail rod into a rail slide until the rail clip makes an audible click. 9 |