| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
720XP-2RU bảng dữ liệu(PDF) 16 Page - Arista Networks, Inc |
|
|
|||||||||||||||||||||||||||||
720XP-2RU bảng dữ liệu(HTML) 16 Page - Arista Networks, Inc |
|
16 / 34 page ![]() For power supply redundancy, at least one more power supply should be installed than is required to power the system. Figure 5: AC Power Supply displays the AC power supply. Figure 5: AC Power Supply 1 PSU handle 2 PSU status LED 3 Release The accessory kit provides IEC-320 C15 to C16 power cables. 4.2 Connecting Serial and Management Cables The accessory kit includes the following cables: • RJ-45 to DB-9 serial adapter cable. • RJ-45 Ethernet cable. The following RJ-45 to DB-9 Connections table lists the pin connections of the RJ-45 to DB-9 adapter cable. Table 5: RJ-45 to DB-9 Connections RJ-45 DB-9 RJ-45 DB-9 RTS 1 8 CTS GND 5 5 GND DTR 2 6 DSR RXD 6 3 TXD TXD 3 2 RXD DSR 7 4 DTR GND 4 5 GND CTS 8 7 RTS 12 |