công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

720XP-2RU bảng dữ liệu(PDF) 15 Page - Arista Networks, Inc

tên linh kiện 720XP-2RU
Giải thích chi tiết về linh kiện  720XP Series 2 RU Cognitive Campus Switches
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ARISTA [Arista Networks, Inc]
Trang chủ  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

720XP-2RU bảng dữ liệu(HTML) 15 Page - Arista Networks, Inc

Back Button 720XP-2RU Datasheet HTML 11Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 12Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 13Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 14Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 15Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 16Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 17Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 18Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 19Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
Chapter
4
Cabling the Switch
This chapter includes the following sections:
•
Connecting Power Cables
•
Connecting Serial and Management Cables
4.1
Connecting Power Cables
Directions for connecting the power cables.
Important:
Installation of this equipment must comply with local and national electrical codes. If necessary,
consult with the appropriate regulatory agencies and inspection authorities to ensure
compliance.
Read all installation instructions before connecting the system to the power source.
This equipment must be grounded. Never defeat the ground conductor.
This unit requires overcurrent protection.
Installation de cet équipement doit être conformes aux codes électriques locaux et nationaux.
Si nécessaire, consulter les organismes de réglementation appropriés et des autorités de
contrôle pour assurer la conformité.
Lire toutes les instructions d'installation avant de brancher le système à la source
d'alimentation.
Cet équipement doit être mis à la terre. Ne jamais modifier le conducteur de terre.
Cet appareil requiert une protection contre les surintensités.
The following AC power supply is supported. The switch can be powered by up to four power supplies.
PWR-1021-AC-RED
Power requirements vary by switch. Refer to Table 4: Switch Specifications (Power Draw) for
information regarding your specific system. Connect each AC power supply to a circuit that provides
the required power.
Rear Panel displays the location of the power supplies on the rear panel of the switch.
Note:
To Power down the Switch, remove all power cords and wires from the power supplies.
Input Power and Power Supply redundancy is dependent on the actual system power draw.
For maximum Input Power redundancy, each power supply should be connected to its own
input overcurrent protection.
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com