công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74ACT04 bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN74ACT04
Giải thích chi tiết về linh kiện  SN74ACT04-Q1 Automotive Hex Inverters with TTL-Compatible Inputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT04 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  SN74ACT04 Datasheet HTML 1Page - Texas Instruments SN74ACT04 Datasheet HTML 2Page - Texas Instruments SN74ACT04 Datasheet HTML 3Page - Texas Instruments SN74ACT04 Datasheet HTML 4Page - Texas Instruments SN74ACT04 Datasheet HTML 5Page - Texas Instruments SN74ACT04 Datasheet HTML 6Page - Texas Instruments SN74ACT04 Datasheet HTML 7Page - Texas Instruments SN74ACT04 Datasheet HTML 8Page - Texas Instruments SN74ACT04 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
SN74ACT04-Q1 Automotive Hex Inverters with TTL-Compatible Inputs
1 Features
• AEC-Q100 qualified for automotive applications:
– Device temperature grade 1: -40°C to +125°C
– Device HBM ESD classification level 2
– Device CDM ESD classification level C4B
• Available in wettable flank QFN package
• Operating voltage range of 4.5V to 5.5V
• TTL-compatible inputs
• Continuous ±24mA output drive at 5V
• Supports up to ±75mA output drive at 5V
in short bursts
• Drives 50Ω transmission lines
• Fast operation with delay of 5.9ns max
2 Applications
• Drive an indicator LED
• Synchronize inverted clock inputs
• Invert a digital signal
3 Description
The SN74ACT04-Q1 device contains six independent
inverters with TTL-compatible inputs.
Device Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
BODY SIZE(3)
SN74ACT04-Q1
BQA (WQFN, 14)
3mm × 2.5mm
3mm × 2.5mm
PW (TSSOP, 14)
5mm × 6.4mm
5mm × 4.4mm
(1)
For more information, see Section 11 .
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
(3)
The body size (length × width) is a nominal value and does
not include pins.
xA
xY
Functional Diagram
SN74ACT04-Q1
SCASE24 – NOVEMBER 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Số phần tương tự - SN74ACT04

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74ACT04 TI-SN74ACT04 Datasheet
509Kb / 15P
HEX INVERTERS
SN74ACT04 TI-SN74ACT04 Datasheet
657Kb / 17P
HEX INVERTERS
SN74ACT04 TI-SN74ACT04 Datasheet
656Kb / 17P
HEX INVERTERS
SN74ACT04 TI1-SN74ACT04 Datasheet
1Mb / 20P
HEX INVERTERS
SN74ACT04 TI-SN74ACT04 Datasheet
1Mb / 34P
SNx4ACT04 Hex Inverters
NOVEMBER 2024
More results

Mô tả tương tự - SN74ACT04

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Diodes Incorporated
74LVC14A DIODES-74LVC14A Datasheet
176Kb / 10P
HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
Rev 3
logo
Texas Instruments
54LS14J TI1-54LS14J Datasheet
131Kb / 8P
Hex Inverters with Schmitt Trigger Inputs
logo
Diodes Incorporated
74LV14A DIODES-74LV14A Datasheet
285Kb / 9P
HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
Rev 1
74HCT14 DIODES-74HCT14 Datasheet
266Kb / 8P
HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
Rev 2
74HC14 DIODES-74HC14 Datasheet
293Kb / 9P
HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
Rev 2
74AHCT14 DIODES-74AHCT14 Datasheet
292Kb / 8P
HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
Rev 3
74AHC14 DIODES-74AHC14 Datasheet
263Kb / 8P
HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
Rev 3
logo
Texas Instruments
SN74HCS04-Q1 TI1-SN74HCS04-Q1 Datasheet
270Kb / 17P
Automotive Hex Inverters with Schmitt-Trigger Inputs
SN74LV6T06-Q1 TI1-SN74LV6T06-Q1 Datasheet
860Kb / 18P
SN74LV6T06-Q1 Automotive Hex Open-Drain Inverters with Integrated Translation
AUGUST 2023
SN74AHCT165-Q1 TI1-SN74AHCT165-Q1 Datasheet
1Mb / 29P
SN74AHCT165-Q1 Automotive 8-Bit Parallel-Load Shift Register with TTL-Compatible Inputs
NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com