| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSP56300 bảng dữ liệu(PDF) 95 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56300 bảng dữ liệu(HTML) 95 Page - Freescale Semiconductor, Inc |
|
95 / 108 page ![]() 24-Bit Algorithm Program Listing Viterbi Decoder Implementation C-3 C.1 24-BIT ENHANCED VITERBI DECODER PROGRAM LISTING This section contains a second complete program listing for Section 4. This program is nearly identical to the program listing in Appendix B. The difference is that the data is 24-bit data, meant to run on a 56300 family digital signal processor in 24-bit arithmetic mode. In addition, the path data is stored and recovered in 16-bit words instead of 8-bit bytes. The longer register allow us to reduce the memory and some complexity in the traceback. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |