| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSP56300 bảng dữ liệu(PDF) 88 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56300 bảng dữ liệu(HTML) 88 Page - Freescale Semiconductor, Inc |
|
88 / 108 page ![]() B-10 Viterbi Decoder Implementation Extended Algorithm Program Listing ;***************************MAIN*********************************************** ; NUMSTATESequ 32 ENCBITS equ 6 ;most cases=log2(NUMSTATES)+1 NoAcs equ NUMSTATES/2 NUMINPUTSequ 168 EVEN equ 1-(NUMINPUTS/8)%2 ;EVEN SET TO 1/0 IF NUMINPUTS IS ; EVEN/ODD #BYTES org p:$400 VITDEC move #NUMSTATES/2-1,m2 ;r2 points to branch metric table move #BRX,r2 move #STATE1,r5 ;r5 points to current state metric move #STATE2,r4 ;r4 points to updated state metric move #NUMSTATES*2-1,m4 ;both modulo to flip locations each sym move #NUMSTATES*2-1,m5 move #>1,n5 ;ctr/input metrics spacing for each butterfly ; move #NUMSTATES/2,n5 ;input metrics spacing for each butterfly move #PATHOUT,n0 ;n0 points to storage for output paths move #-1,m3 ;set linear mode, traceback ptr move #>1,n2 ; move #INDATA,r1 ;r1 points to input data ; ;***********************PREPARATION LOOP************************* ; This loop iterates by the number of bits used in the ; encoder to pre load the bit decisions. Thereafter, ; the paths are updated and stored off in bytes. We need ; the preload bits so that the stored path metrics point ; correctly to their previous paths for traceback. ;**************************************************************** ; do #ENCBITS-1,PRELP ;preload decisions/trellis start ; FindMetrics PreACS ; ACS PRELP move #NUMSTATES/2,n5 ;n5 now serves as offset between fetch ; states ; ;*****************MAIN LOOP--PROCESS BYTES OF DATA***************** do #NUMINPUTS/8-2,DATALP;process bytes of output do #8,SYMLP ;8 bits per byte ; FindMetrics ACS SYMLP STOREPATHS#NUMSTATES DATALP Example B-1 Extended Algorithm Program Listing (Continued) Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |