| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSP56300 bảng dữ liệu(PDF) 27 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56300 bảng dữ liệu(HTML) 27 Page - Freescale Semiconductor, Inc |
|
27 / 108 page ![]() The Viterbi Algorithm Algorithmic Enhancements Viterbi Decoder Implementation 2-13 Figure 2-8 Encoder Tap Symmetry to Reduce Calculations 00100 10100 01000 01001 11 00/0 11/2 Decoder input S1 S0 S2 S3 S4 1 D D2 D3 D4 D5 00100 10100 01000 01001 S1 S0 S2 S3 S4 1 D D2 D3 D4 D5 11/2 00/0 If all polys have taps at the input , branches into the same state will have complement branch metrics. If all polys have taps at the last (S4) state bit, branches into the lower state pair will be flipped versions of the upper state branches. 1 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |