| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CSG14K_CSG8K bảng dữ liệu(PDF) 51 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
CSG14K_CSG8K bảng dữ liệu(HTML) 51 Page - OSRAM GmbH |
|
51 / 114 page ![]() Document Feedback CSG14K_CSG8K Functional Description Datasheet • PUBLIC DS000571 • v2-01 • 2023-Feb-10 113 │ 50 The data on the control channel contains status information on the validity of the data on the data channels, along with status information on the sensor state. Information on the control channel is grouped into 12-bit words that are transferred synchronous to the data channels. The figure below shows the data output interface. Figure 52: Sub-LVDS Data Output Interface Each pair of differential output pins transports data on one sub-LVDS channel. For easier reading and writing, the channels will be called CTR_OUT, DATAx_OUT, OB_OUT and CLK_OUT in the remainder of the document. The output channels have the following functionality: Figure 53: Sub-LVDS Output Channels Functionality Name Function CLK_OUT Should be used as sampling clock. CTR_OUT Serially transmit status word. Captures sensor status and data validity in various status bits. DATAx_OUT Serially transmit pixel data. Every channel transmits the data of 1 pixel, so up to 16 pixels are transmitted at the same time from the sensor. OB_OUT Serially transmit pixel data of pixels in OB columns. ... CTR_OUT (BOTTOM) CLK_OUT (BOTTOM) DATA0_OUT (BOTTOM) DATA1_OUT (BOTTOM) OB_OUT (BOTTOM) DATA7_OUT (BOTTOM) ... CTR_OUT (TOP) CLK_OUT (TOP) DATA0_OUT (TOP) DATA1_OUT (TOP) OB_OUT (TOP) DATA7_OUT (TOP) ... ... |