| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CSG14K_CSG8K bảng dữ liệu(PDF) 82 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
CSG14K_CSG8K bảng dữ liệu(HTML) 82 Page - OSRAM GmbH |
|
82 / 114 page ![]() Document Feedback CSG14K_CSG8K Functional Description Datasheet • PUBLIC DS000571 • v2-01 • 2023-Feb-10 113 │ 81 One possibility is to create an interleaved readout scheme by: 1. Defining two vertical windows with identical size and SUBS set to 1. 2. Giving START of the second window an offset so it starts at a row skipped by the sub sampling scheme of the first window. 3. Alternating the respective YWIN_ENA bits between every frame. Figure 97: Interleaved Readout 7.5.4 Horizontal Windowing Figure 98: Horizontal ROI Registers Register Name Bank Addr Bits Description XSTART 4 20-21 [13:0] Start column of horizontal ROI KSIZE 4 23-24 [13:0] Number of columns read per DATAx_OUT channel. NR_OUTP 4 27 [3:0] Number of DATAx_OUT channels to be used (per side) XSUBS 4 22 [1:0] Horizontal subsampling setting The sensor supports reading out any horizontal region of interest starting at column XSTART and a width of KSIZE×NR_OUTP×2XSUBS, as long as the following constraints are honored. Equation 10: 1 ≤ ������������_������������������������ ≤ ������������������_������������_������������������������ Equation 11: ������������������������������������ + (������������_������������������������ × ������������������������������ × 2������������������������������) < 3870 Equation 12: ������������������������������ × 2������������������������������ ≥ 480 Even frames Odd frames YWIN_ENA = 1 YWIN_ENA = 2 1080 0 1 YWIN0 1080 1 1 YWIN1 |