| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CSG14K_CSG8K bảng dữ liệu(PDF) 58 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
CSG14K_CSG8K bảng dữ liệu(HTML) 58 Page - OSRAM GmbH |
|
58 / 114 page ![]() Document Feedback CSG14K_CSG8K Functional Description Datasheet • PUBLIC DS000571 • v2-01 • 2023-Feb-10 113 │ 57 Figure 60: Color and Monochrome Binning Modes Figure 61 shows the active pixel readout area and corresponding output image properties in case of default ROI settings. Although the physical ROI on the pixel array is identical to the default 12-bit mode (IMG.4), the output image dimension is reduced by 50% in each dimension due to the binning operation. Figure 61: Recommended ROI Selection and Resulting Output Image Format in IMG.7 |