| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AVR16EB32 bảng dữ liệu(PDF) 11 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AVR16EB32 bảng dữ liệu(HTML) 11 Page - Microchip Technology |
|
11 / 46 page ![]() AVR16EB32 Curiosity Nano Getting Started User Guide © 2024 Microchip Technology Inc. and its subsidiaries DS50003605B - 11 Figure 2-1. Attaching Pin-Headers to the Curiosity Nano Board Figure 2-2. Connecting to Curiosity Nano Base for Click boards™ Tip: • Start at one end of the pin-header and gradually insert the header along the length of the board. Once all the pins are in place, use a flat surface to push them in. • For applications using the pin-headers permanently, it is still recommended to solder them in place • Once the pin-headers are in place, they are hard to remove by hand. Use a set of pliers and carefully remove the pin-headers to avoid damage to the pin-headers and PCB. |