công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AVR16EB32 bảng dữ liệu(PDF) 10 Page - Microchip Technology

tên linh kiện AVR16EB32
Giải thích chi tiết về linh kiện  AVR16EB32 Curiosity Nano
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AVR16EB32 bảng dữ liệu(HTML) 10 Page - Microchip Technology

Back Button AVR16EB32 Datasheet HTML 6Page - Microchip Technology AVR16EB32 Datasheet HTML 7Page - Microchip Technology AVR16EB32 Datasheet HTML 8Page - Microchip Technology AVR16EB32 Datasheet HTML 9Page - Microchip Technology AVR16EB32 Datasheet HTML 10Page - Microchip Technology AVR16EB32 Datasheet HTML 11Page - Microchip Technology AVR16EB32 Datasheet HTML 12Page - Microchip Technology AVR16EB32 Datasheet HTML 13Page - Microchip Technology AVR16EB32 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
AVR16EB32 Curiosity Nano
Getting Started
 User Guide
© 2024 Microchip Technology Inc. and its subsidiaries
DS50003605B - 10
Tip: References for the example Data Visualizer Plot- and Terminal-views above:
1. Plot View - DebugIO: DebugIO Hello World (Microchip University).
2. Plot View - Serial Port: MCC Melody Use Case Data Visualizer Run Time Use
Case 1.
3. Terminal - Serial Port: MCC Melody UART Driver: LED Control Commands.
2.4
Using Pin-Headers
The edge connector footprint on the AVR16EB32 Curiosity Nano has a staggered design where each
hole is shifted 8 mil (~0.2 mm) off-center. The hole shift allows regular 100 mil pin headers to be
used without soldering on the board. The pin-headers can be used in applications like pin sockets
and prototyping boards without issues once they are firmly in place.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46